Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9518-2ABCPZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD9518-2ABCPZ
Description  6-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-2ABCPZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9518-2ABCPZ Datasheet HTML 52Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 53Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 54Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 55Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 56Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 57Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 58Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 59Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
AD9518-2
Data Sheet
Rev. C | Page 56 of 64
Table 46. LVPECL Channel Dividers
Reg.
Addr.
(Hex)
Bits
Name
Description
0x190
[7:4]
Divider 0 low cycles
Number of clock cycles (minus 1) of the divider input during which divider output stays low.
A value of 0x0 means that the divider is low for one input clock cycle (default = 0x0).
[3:0]
Divider 0 high cycles
Number of clock cycles (minus 1) of the divider input during which divider output stays high.
A value of 0x0 means that the divider is high for one input clock cycle (default = 0x0).
0x191
7
Divider 0 bypass
Bypasses and powers down the divider; routes input to divider output.
0: uses divider.
1: bypasses divider (default).
6
Divider 0 nosync
No sync.
0: obeys chip-level SYNC signal (default).
1: ignores chip-level SYNC signal.
5
Divider 0 force high
Forces divider output to high. This requires that the Divider 0 nosync bit (Bit 6) also be set.
This bit has no effect if the Divider 0 bypass bit (Bit 7) is set.
0: divider output forced to low (default).
1: divider output forced to high.
4
Divider 0 start high
Selects clock output to start high or start low.
0: starts low (default).
1: starts high.
[3:0]
Divider 0 phase offset
Phase offset (default = 0x0).
0x192
1
Divider 0 direct to output
Connects OUT0 and OUT1 to Divider 0 or directly to VCO or CLK.
0: OUT0 and OUT1 are connected to Divider 0 (default).
1: If Register 0x1E1[1:0] = 10b, the VCO is routed directly to OUT0 and OUT1.
If Register 0x1E1[1:0] = 00b, the CLK is routed directly to OUT0 and OUT1.
If Register 0x1E1[1:0] = 01b, there is no effect.
0
Divider 0 DCCOFF
Duty-cycle correction function.
0: enables duty-cycle correction (default).
1: disables duty-cycle correction.
0x193
[7:4]
Divider 1 low cycles
Number of clock cycles (minus 1) of the divider input during which divider output stays low.
A value of 0x0 means that the divider is low for one input clock cycle (default = 0xB).
[3:0]
Divider 1 high cycles
Number of clock cycles (minus 1) of the divider input during which divider output stays high.
A value of 0x0 means that the divider is high for one input clock cycle (default = 0xB).
0x194
7
Divider 1 bypass
Bypasses and powers down the divider; routes input to divider output.
0: uses divider (default).
1: bypasses divider.
6
Divider 1 nosync
No sync.
0: obeys chip-level SYNC signal (default).
1: ignores chip-level SYNC signal.
5
Divider 1 force high
Forces divider output to high. This requires that the Divider 1 nosync bit (Bit 6) also be set.
This bit has no effect if the Divider 1 bypass bit (Bit 7) is set.
0: divider output forced to low (default).
1: divider output forced to high.
4
Divider 1 start high
Selects clock output to start high or start low.
0: starts low (default).
1: starts high.
[3:0]
Divider 1 phase offset
Phase offset (default = 0x0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com