Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9518-2ABCPZ Datasheet(PDF) 33 Page - Analog Devices

Part # AD9518-2ABCPZ
Description  6-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-2ABCPZ Datasheet(HTML) 33 Page - Analog Devices

Back Button AD9518-2ABCPZ Datasheet HTML 29Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 30Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 31Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 32Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 33Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 34Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 35Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 36Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 64 page
background image
Data Sheet
AD9518-2
Rev. C | Page 33 of 64
PROGRAMMABLE
N DELAY
REFIN (REF1)
REFIN (REF2)
CLK
CLK
REF1
REF2
STATUS
STATUS
R
DIVIDER
VCO STATUS
PROGRAMMABLE
R DELAY
REFERENCE
SWITCHOVER
REF_SEL
CPRSET VCP
VS
GND
RSET
DISTRIBUTION
REFERENCE
REFMON
CP
STATUS
LD
P, P + 1
PRESCALER
A/B
COUNTERS
N DIVIDER
BYPASS
LF
LOW DROPOUT
REGULATOR (LDO)
VCO
PHASE
FREQUENCY
DETECTOR
LOCK
DETECT
CHARGE
PUMP
HOLD
0
1
0
1
DIVIDE BY
2, 3, 4, 5, OR 6
Figure 39. Reference and VCO Status Monitors
VCO Calibration
The AD9518 on-chip VCO must be calibrated to ensure proper
operation over process and temperature. VCO calibration centers
the dc voltage at the internal VCO input (at the LF pin) for the
selected configuration; this is normally required only during
initial configuration and any time the PLL settings change. VCO
calibration is controlled by a calibration controller driven by the
R divider output. The calibration requires that the input reference
clock be present at the REFIN pins, and that the PLL be set up
properly to lock the PLL loop. During the first initialization after
a power-up or a reset of the AD9518, a VCO calibration sequence
is initiated by setting Register 0x018[0] = 1b. This can be done
during initial setup, before executing an update registers operation
(Register 0x232[0] = 1b). Subsequent to initial setup, a VCO
calibration sequence is initiated by resetting Register 0x018[0] = 0b,
executing an update registers operation, setting Register 0x018[0] =
1b, and executing another update registers operation. A readback
bit (Bit 6 in Register 0x1F) indicates when a VCO calibration is
finished by returning a logic true (that is, 1b).
The sequence of operations for the VCO calibration is as follows:
1.
Program the PLL registers to the proper values for the PLL
loop. Note that that automatic holdover mode must be
disabled, and the VCO divider must not be set to “Static.”
2.
Ensure that the input reference signal is present.
3.
For the initial setting of the registers after a power-up or reset,
initiate VCO calibration by setting Register 0x018[0] = 1b.
Subsequently, whenever a calibration is desired, set
Register 0x018[0] = 0b, update registers; and then set
Register 0x018[0] = 1b, update registers.
4.
A sync operation is initiated internally, causing the outputs
to go to a static state determined by normal sync function
operation.
5.
The VCO calibrates to the desired setting for the requested
VCO frequency.
6.
Internally, the SYNC signal is released, allowing outputs
to continue clocking.
7.
The PLL loop is closed.
8.
The PLL locks.
A sync is executed during the VCO calibration; therefore, the
outputs of the AD9518 are held static during the calibration,
which prevents unwanted frequencies from being produced.
However, at the end of a VCO calibration, the outputs may
resume clocking before the PLL loop is completely settled.
The VCO calibration clock divider is set as shown in Table 44
(Register 0x018[2:1]).
The calibration divider divides the PFD frequency (reference
frequency divided by R) down to the calibration clock. The
calibration occurs at the PFD frequency divided by the
calibration divider setting. Lower VCO calibration clock
frequencies result in longer times for a calibration to be
completed.
The VCO calibration clock frequency is given by
fCAL_CLOCK = fREFIN/(R × cal_div)
where:
fREFIN is the frequency of the REFIN signal.
R is the value of the R divider.
cal_div is the division set for the VCO calibration divider
(Register 0x018[2:1]).
The VCO calibration takes 4400 calibration clock cycles.
Therefore, the VCO calibration time in PLL reference clock
cycles is given by
Time to Calibrate VCO =
4400 × R × cal_div PLL Reference Clock Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com