Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9518-2ABCPZ Datasheet(PDF) 41 Page - Analog Devices

Part # AD9518-2ABCPZ
Description  6-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-2ABCPZ Datasheet(HTML) 41 Page - Analog Devices

Back Button AD9518-2ABCPZ Datasheet HTML 37Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 38Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 39Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 40Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 41Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 42Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 43Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 44Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 64 page
background image
Data Sheet
AD9518-2
Rev. C | Page 41 of 64
Read
If the instruction word is for a read operation, the next N × 8
SCLK cycles clock out the data from the address specified in the
instruction word, where N is 1 to 3 as determined by [W1:W0].
If N = 4, the read operation is in streaming mode, continuing
until CS is raised. Streaming mode does not skip over reserved
or blank registers. The readback data is valid on the falling
edge of SCLK.
The default mode of the AD9518 serial control port is the
bidirectional mode. In bidirectional mode, both the sent data
and the readback data appear on the SDIO pin. It is also possible to
set the AD9518 to unidirectional mode via the SDO active bit,
Register 0x000[0] = 1b. In unidirectional mode, the readback
data appears on the SDO pin.
A readback request reads the data that is in the serial control
port buffer area, or the data that is in the active registers (see
Figure 45). Readback of the buffer or active registers is controlled
by Register 0x004[0].
The AD9518 supports only the long instruction mode; therefore,
Register 0x000[4:3] must be set to 11b. (This register uses mirrored
bits.) Long instruction mode is the default at power-up or reset.
The AD9518 uses Register Address 0x000 to Register
Address 0x232.
SCLK
SDIO
SDO
CS
SERIAL
CONTROL
PORT
UPDATE
REGISTERS
WRITE REGISTER 0x232 = 0x01
TO UDATE REGISTERS
Figure 45. Relationship Between Serial Control Port Buffer Registers and
Active Registers of the AD9518
THE INSTRUCTION WORD (16 BITS)
The MSB of the instruction word is R/W, which indicates
whether the instruction is a read or a write. The next two bits,
[W1:W0], indicate the length of the transfer in bytes. The final
13 bits are the address ([A12:A0]) at which to begin the read or
write operation.
For a write, the instruction word is followed by the number of
bytes of data indicated by Bits[W1:W0] (see Table 37).
Table 37. Byte Transfer Count
W1
W0
Bytes to Transfer
0
0
1
0
1
2
1
0
3
1
1
Streaming mode
The 13 bits found in [A12:A0] select the address within the
register map that is written to or read from during the data
transfer portion of the communications cycle. Only Bits[A9:A0]
are needed to cover the range of the 0x232 registers used by the
AD9518. Bits[A12:A10] must always be set to 0b. For multibyte
transfers, this address is the starting byte address. In MSB first
mode, subsequent bytes decrement the address.
MSB/LSB FIRST TRANSFERS
The AD9518 instruction word and byte data can be MSB first
or LSB first. Any data written to Register 0x000 must be mirrored;
the upper four bits (Bits[7:4]) with the lower four bits (Bits[3:0]).
This makes it irrelevant whether LSB first or MSB first is in
effect. As an example of this mirroring, see the default setting
for this register: 0x18, which mirrors Bit 4 and Bit 3. This sets
the long instruction mode (which is the default and the only
mode that is supported).
The default for the AD9518 is MSB first.
When LSB first is set by Register 0x000[1] and Register 0x000[6],
it takes effect immediately because it affects only the operation
of the serial control port and does not require that an update be
executed.
When MSB first mode is active, the instruction and data bytes
must be written from MSB to LSB. Multibyte data transfers in
MSB first format start with an instruction byte that includes the
register address of the most significant data byte. Subsequent
data bytes must follow in order from the high address to the low
address. In MSB first mode, the serial control port internal
address generator decrements for each data byte of the
multibyte transfer cycle.
When LSB first is active, the instruction and data bytes must be
written from LSB to MSB. Multibyte data transfers in LSB first
format start with an instruction byte that includes the register
address of the least significant data byte followed by multiple
data bytes. The internal byte address generator of the serial
control port increments for each byte of the multibyte
transfer cycle.
The AD9518 serial control port register address decrements
from the register address just written toward 0x000 for multibyte
I/O operations if the MSB first mode is active (default). If the
LSB first mode is active, the register address of the serial control
port increments from the address just written toward Register
Address 0x232 for multibyte I/O operations.
Streaming mode always terminates when it hits Address 0x232.
Note that unused addresses are not skipped during multibyte
I/O operations.
Table 38. Streaming Mode (No Addresses Are Skipped)
Write Mode
Address Direction
Stop Sequence
LSB first
Increment
0x230, 0x231, 0x232, stop
MSB first
Decrement
0x001, 0x000, 0x232, stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com