Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9518-2ABCPZ Datasheet(PDF) 37 Page - Analog Devices

Part # AD9518-2ABCPZ
Description  6-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-2ABCPZ Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9518-2ABCPZ Datasheet HTML 33Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 34Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 35Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 36Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 37Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 38Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 39Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 40Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
Data Sheet
AD9518-2
Rev. C | Page 37 of 64
Synchronizing the Outputs—Sync Function
The AD9518 clock outputs can be synchronized to each other.
Outputs can be individually excluded from synchronization.
Synchronization consists of setting the nonexcluded outputs to
a preset set of static conditions and subsequently releasing these
outputs to continue clocking at the same instant with the preset
conditions applied. This allows for the alignment of the edges of
two or more outputs or for the spacing of edges according to the
coarse phase offset settings for two or more outputs.
Output synchronization is executed in several ways, as follows:
By forcing the SYNC pin low, then releasing it (manual sync).
By setting, then resetting, any one of the following three bits:
the soft sync bit (Register 0x230[0]), the soft reset bit
(Register 0x000[2] [mirrored]), and the power-down
distribution reference bit (Register 0x230[1]).
By executing synchronization of the outputs as part of the
chip power-up sequence.
By forcing the RESET pin low, then releasing it (chip reset).
By forcing the PD pin low, then releasing (chip power-down).
Following completion of a VCO calibration. An internal
SYNC signal is automatically asserted at the beginning of
a VCO calibration, then released upon its completion.
The most common way to execute the sync function is to use
the SYNC pin to do a manual synchronization of the outputs.
This requires a low-going signal on the SYNC pin, which is held
low and then released when synchronization is desired. The
timing of the sync operation is shown in Figure 41 (using the
VCO divider) and Figure 42 (VCO divider not used). There is
an uncertainty of up to one cycle of the clock at the input to the
channel divider due to the asynchronous nature of the SYNC
signal with respect to the clock edges inside the AD9518. The
delay from the SYNC rising edge to the beginning of synchronized
output clocking is between 14 and 15 cycles of clock at the
channel divider input, plus either one cycle of the VCO divider
input (see Figure 41), or one cycle of the channel divider input (see
Figure 42), depending on whether the VCO divider is used.
Cycles are counted from the rising edge of the signal.
Another common way to execute the sync function is by setting
and resetting the soft sync bit at Register 0x230[0] (see Table 43
through Table 49 for details). Both the setting and resetting
of the soft sync bit require an update all registers operation
(Register 0x232[0] = 1) to take effect.
1
2
34
56
7
8
910
INPUT TO VCO DIVIDER
INPUT TO CHANNEL DIVIDER
OUTPUT OF
CHANNEL DIVIDER
SYNC PIN
1
11
12
13
14
14 TO 15 CYCLES AT CHANNEL DIVIDER INPUT + 1 CYCLE AT VCO DIVIDER INPUT
CHANNEL DIVIDER OUTPUT STATIC
CHANNEL DIVIDER
OUTPUT CLOCKING
CHANNEL DIVIDER
OUTPUT CLOCKING
Figure 41. SYNC Timing When VCO Divider Is Used—CLK or VCO Is Input
INPUT TO CLK
IINPUT TO CHANNEL DIVIDER
OUTPUT OF
CHANNEL DIVIDER
SYNC PIN
14 TO 15 CYCLES AT CHANNEL DIVIDER INPUT + 1 CYCLE AT CLK INPUT
12
3
4
5
6
7
8
910
11
12
13
14
1
CHANNEL DIVIDER OUTPUT STATIC
CHANNEL DIVIDER
OUTPUT CLOCKING
CHANNEL DIVIDER
OUTPUT CLOCKING
Figure 42. SYNC Timing When VCO Divider Is Not Used—CLK Input Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com