Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9518-2ABCPZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD9518-2ABCPZ
Description  6-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-2ABCPZ Datasheet(HTML) 1 Page - Analog Devices

  AD9518-2ABCPZ Datasheet HTML 1Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 2Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 3Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 4Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 5Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 6Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 7Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 8Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
6-Output Clock Generator with
Integrated 2.2 GHz VCO
Data Sheet
AD9518-2
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007–2012 Analog Devices, Inc. All rights reserved.
FEATURES
Low phase noise, phase-locked loop (PLL)
On-chip VCO tunes from 2.05 GHz to 2.33 GHz
External VCO/VCXO to 2.4 GHz optional
1 differential or 2 single-ended reference inputs
Reference monitoring capability
Automatic revertive and manual reference
switchover/holdover modes
Accepts LVPECL, LVDS, or CMOS references to 250 MHz
Programmable delays in path to PFD
Digital or analog lock detect, selectable
3 pairs of 1.6 GHz LVPECL outputs
Each output pair shares a 1-to-32 divider with coarse
phase delay
Additive output jitter: 225 fs rms
Channel-to-channel skew paired outputs of <10 ps
Automatic synchronization of all outputs on power-up
Manual output synchronization available
Available in a 48-lead LFCSP
APPLICATIONS
Low jitter, low phase noise clock distribution
10/40/100 Gb/sec networking line cards, including SONET,
Synchronous Ethernet, OTU2/3/4
Forward error correction (G.710)
Clocking high speed ADCs, DACs, DDSs, DDCs, DUCs, MxFEs
High performance wireless transceivers
ATE and high performance instrumentation
GENERAL DESCRIPTION
The AD9518-21 provides a multi-output clock distribution
function with subpicosecond jitter performance, along with an
on-chip PLL and VCO. The on-chip VCO tunes from 2.05 GHz
to 2.33 GHz. Optionally, an external VCO/VCXO of up to
2.4 GHz can be used.
The AD9518-2 emphasizes low jitter and phase noise to
maximize data converter performance, and it can benefit other
applications with demanding phase noise and jitter requirements.
The AD9518-2 features six LVPECL outputs (in three pairs).
The LVPECL outputs operate to 1.6 GHz.
For applications that require additional outputs, a crystal
reference input, zero-delay, or EEPROM for automatic
configuration at startup, the AD9520 and AD9522 are available.
FUNCTIONAL BLOCK DIAGRAM
REFIN
REF1
REF2
CLK
LF
DIVIDER
AND MUXs
CP
VCO
STATUS
MONITOR
LVPECL
LVPECL
SERIAL CONTROL PORT
AND
DIGITAL LOGIC
AD9518-2
OUT0
OUT1
OUT2
OUT3
OUT4
OUT5
DIV/Φ
DIV/Φ
DIV/Φ
LVPECL
Figure 1.
In addition, the AD9516 and AD9517 are similar to the AD9518
but have a different combination of outputs.
Each pair of outputs has dividers that allow both the divide
ratio and coarse delay (or phase) to be set. The range of division
for the LVPECL outputs is 1 to 32.
The AD9518-2 is available in a 48-lead LFCSP and can be
operated from a single 3.3 V supply. An external VCO, which
requires an extended voltage range, can be accommodated
by connecting the charge pump supply (VCP) to 5 V. A separate
LVPECL power supply can be from 2.5 V to 3.3 V (nominal).
The AD9518-2 is specified for operation over the industrial
range of −40°C to +85°C.
1
AD9518 is used throughout the data sheet to refer to all the members of the
AD9518 family. However, when AD9518-2 is used, it refers to that specific
member of the AD9518 family.


Similar Part No. - AD9518-2ABCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9518-0 AD-AD9518-0 Datasheet
1Mb / 64P
6-Output Clock Generator
REV. C
AD9518-0A-PCBZ AD-AD9518-0A-PCBZ Datasheet
1Mb / 64P
6-Output Clock Generator
REV. C
AD9518-0ABCPZ AD-AD9518-0ABCPZ Datasheet
1Mb / 64P
6-Output Clock Generator
REV. C
AD9518-0ABCPZ-RL7 AD-AD9518-0ABCPZ-RL7 Datasheet
1Mb / 64P
6-Output Clock Generator
REV. C
AD9518-0 AD-AD9518-0_15 Datasheet
1Mb / 64P
6-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. C
More results

Similar Description - AD9518-2ABCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9516-2 AD-AD9516-2 Datasheet
946Kb / 84P
14-Output Clock Generator with Integrated 2.2 GHz VCO
REV. 0
AD9518-1 AD-AD9518-1 Datasheet
1Mb / 64P
6-Output Clock Generator with Integrated 2.5 GHz VCO
REV. C
AD9518-4 AD-AD9518-4 Datasheet
985Kb / 64P
6-Output Clock Generator with Integrated 1.6 GHz VCO
REV. B
AD9516-2 AD-AD9516-2_15 Datasheet
1Mb / 80P
14-Output Clock Generator with Integrated 2.2 GHz VCO
REV. C
AD9517-2 AD-AD9517-2_15 Datasheet
1Mb / 80P
12-Output Clock Generator with Integrated 2.2 GHz VCO
Rev. E
AD9518_1 AD-AD9518_1_15 Datasheet
1Mb / 64P
6-Output Clock Generator with Integrated 2.5 GHz VCO
Rev. C
AD9518_2 AD-AD9518_2_15 Datasheet
1Mb / 64P
6-Output Clock Generator with Integrated 2.2 GHz VCO
Rev. C
AD9518-0 AD-AD9518-0_15 Datasheet
1Mb / 64P
6-Output Clock Generator with Integrated 2.8 GHz VCO
Rev. C
AD9518-4 AD-AD9518-4_15 Datasheet
1Mb / 61P
6-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. D
AD9517-2 AD-AD9517-2 Datasheet
844Kb / 80P
12-Output Clock Generator with Integrated 2.2 GHz VCO
9/2020-Rev. E to Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com