Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9518-2ABCPZ Datasheet(PDF) 4 Page - Analog Devices

Part # AD9518-2ABCPZ
Description  6-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-2ABCPZ Datasheet(HTML) 4 Page - Analog Devices

  AD9518-2ABCPZ Datasheet HTML 1Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 2Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 3Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 4Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 5Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 6Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 7Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 8Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 64 page
background image
AD9518-2
Data Sheet
Rev. C | Page 4 of 64
SPECIFICATIONS
Typical values are given for VS = VS_LVPECL = 3.3 V ± 5%; VS ≤ VCP ≤ 5.25 V; TA = 25°C; RSET = 4.12 kΩ; CPRSET = 5.1 kΩ, unless otherwise noted.
Minimum and maximum values are given over full VS and TA (−40°C to +85°C) variation.
POWER SUPPLY REQUIREMENTS
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VS
3.135
3.3
3.465
V
3.3 V ± 5%
VS_LVPECL
2.375
VS
V
Nominally 2.5 V to 3.3 V ± 5%
VCP
VS
5.25
V
Nominally 3.3 V to 5.0 V ± 5%
RSET Pin Resistor
4.12
kΩ
Sets internal biasing currents; connect to ground
CPRSET Pin Resistor
2.7
5.1
10
kΩ
Sets internal CP current range, nominally 4.8 mA (CP_lsb = 600 µA);
actual current can be calculated by CP_lsb = 3.06/CPRSET;
connect to ground
BYPASS Pin Capacitor
220
nF
Bypass for internal LDO regulator; necessary for LDO stability;
connect to ground
PLL CHARACTERISTICS
Table 2.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VCO (ON-CHIP)
Frequency Range
2050
2335
MHz
See Figure 11
VCO Gain (KVCO)
50
MHz/V
See Figure 6
Tuning Voltage (VT)
0.5
VCP −
0.5
V
VCP ≤ VS when using internal VCO; outside of this range, the CP
spurs may increase due to CP up/down mismatch
Frequency Pushing (Open-Loop)
1
MHz/V
Phase Noise at 100 kHz Offset
−107
dBc/Hz
f = 2175 MHz
Phase Noise at 1 MHz Offset
−124
dBc/Hz
f = 2175 MHz
REFERENCE INPUTS
Differential Mode (REFIN, REFIN)
Differential mode (can accommodate single-ended input by
ac grounding undriven input)
Input Frequency
0
250
MHz
Frequencies below about 1 MHz should be dc-coupled; be careful
to match VCM (self-bias voltage)
Input Sensitivity
250
mV p-p
PLL figure of merit (FOM) increases with increasing slew rate
(see Figure 10);
the input sensitivity is sufficient for ac-coupled
LVPECL and LVDS signals
Self-Bias Voltage, REFIN
1.35
1.60
1.75
V
Self-bias voltage of REFIN1
Self-Bias Voltage, REFIN
1.30
1.50
1.60
V
Self-bias voltage of REFIN1
Input Resistance, REFIN
4.0
4.8
5.9
kΩ
Self-biased1
Input Resistance, REFIN
4.4
5.3
6.4
kΩ
Self-biased1
Dual Single-Ended Mode (REF1, REF2)
Two single-ended CMOS-compatible inputs
Input Frequency (AC-Coupled)
20
250
MHz
Slew rate > 50 V/µs
Input Frequency (DC-Coupled)
0
250
MHz
Slew rate > 50 V/µs; CMOS levels
Input Sensitivity (AC-Coupled)
0.8
V p-p
Should not exceed VS p-p
Input Logic High
2.0
V
Input Logic Low
0.8
V
Input Current
−100
+100
µA
Pulse Width High/Low
1.8
ns
This value determines the allowable input duty cycle and is the
amount of time that a square wave is high/low
Input Capacitance
2
pF
Each pin, REFIN/REFIN (REF1/REF2)
PHASE/FREQUENCY DETECTOR (PFD)
PFD Input Frequency
100
MHz
Antibacklash pulse width = 1.3 ns, 2.9 ns
45
MHz
Antibacklash pulse width = 6.0 ns
Antibacklash Pulse Width
1.3
ns
Register 0x017[1:0] = 01b
2.9
ns
Register 0x017[1:0] = 00b; Register 0x017[1:0] = 11b
6.0
ns
Register 0x017[1:0] = 10b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com