Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9518-2ABCPZ Datasheet(PDF) 51 Page - Analog Devices

Part # AD9518-2ABCPZ
Description  6-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-2ABCPZ Datasheet(HTML) 51 Page - Analog Devices

Back Button AD9518-2ABCPZ Datasheet HTML 47Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 48Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 49Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 50Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 51Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 52Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 53Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 54Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 64 page
background image
Data Sheet
AD9518-2
Rev. C | Page 51 of 64
Reg.
Addr.
(Hex)
Bits
Name
Description
0x01A
6
Reference
frequency monitor
threshold
Sets the reference (REF1/REF2) frequency monitor’s detection threshold frequency. This does not affect the VCO
frequency monitor’s detection threshold (see Table 15: REF1, REF2, and VCO frequency status monitor).
0: frequency valid if frequency is above the higher frequency threshold (default).
1: frequency valid if frequency is above the lower frequency threshold.
[5:0]
LD pin control
Selects the signal that is connected to the LD pin.
5
4
3
2
1
0
Level or
Dynamic
Signal
Signal at LD Pin
0
0
0
0
0
0
LVL
Digital lock detect (high = lock, low = unlock) (default).
0
0
0
0
0
1
DYN
P-channel, open-drain lock detect (analog lock detect).
0
0
0
0
1
0
DYN
N-channel, open-drain lock detect (analog lock detect).
0
0
0
0
1
1
HIZ
High-Z LD pin.
0
0
0
1
0
0
CUR
Current source lock detect (110 µA when DLD is true).
0
X
X
X
X
X
LVL
Ground (dc); for all other cases of 0XXXXXb not specified previously.
The selections that follow are the same as REFMON.
1
0
0
0
0
0
LVL
Ground (dc).
1
0
0
0
0
1
DYN
REF1 clock (differential reference when in differential mode).
1
0
0
0
1
0
DYN
REF2 clock (not available in differential mode).
1
0
0
0
1
1
DYN
Selected reference to PLL (differential reference when in differential
mode).
1
0
0
1
0
0
DYN
Unselected reference to PLL (not available in differential mode).
1
0
0
1
0
1
LVL
Status of selected reference (status of differential reference); active
high.
1
0
0
1
1
0
LVL
Status of unselected reference (not available in differential mode);
active high.
1
0
0
1
1
1
LVL
Status REF1 frequency; active high.
1
0
1
0
0
0
LVL
Status REF2 frequency; active high.
1
0
1
0
0
1
LVL
(Status REF1 frequency) AND (status REF2 frequency).
1
0
1
0
1
0
LVL
(DLD) AND (status of selected reference) AND (status of VCO).
1
0
1
0
1
1
LVL
Status of VCO frequency (active high).
1
0
1
1
0
0
LVL
Selected reference (low = REF1, high = REF2).
1
0
1
1
0
1
LVL
Digital lock detect (DLD); active high.
1
0
1
1
1
0
LVL
Holdover active; active high.
1
0
1
1
1
1
LVL
Not available. Do not use.
1
1
0
0
0
0
LVL
VS (PLL supply).
1
1
0
0
0
1
DYN
REF1 clock (differential reference when in differential mode).
1
1
0
0
1
0
DYN
REF2 clock (not available in differential mode).
1
1
0
0
1
1
DYN
Selected reference to PLL (differential reference when in differential
mode).
1
1
0
1
0
0
DYN
Unselected reference to PLL (not available in differential mode).
1
1
0
1
0
1
LVL
Status of selected reference (status of differential reference); active
low.
1
1
0
1
1
0
LVL
Status of unselected reference (not available in differential mode);
active low.
1
1
0
1
1
1
LVL
Status of REF1 frequency; active low.
1
1
1
0
0
0
LVL
Status of REF2 frequency; active low.
1
1
1
0
0
1
LVL
(Status of REF1 frequency) AND (status of REF2 frequency).
1
1
1
0
1
0
LVL
(DLD) AND (status of selected reference) AND (status of VCO).
1
1
1
0
1
1
LVL
Status of VCO frequency; active low.
1
1
1
1
0
0
LVL
Selected reference (low = REF2, high = REF1).
1
1
1
1
0
1
LVL
Digital lock detect (DLD); active low.
1
1
1
1
1
0
LVL
Holdover active; active low.
1
1
1
1
1
1
LVL
Not available. Do not use.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com