Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9518-2ABCPZ Datasheet(PDF) 7 Page - Analog Devices

Part # AD9518-2ABCPZ
Description  6-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-2ABCPZ Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9518-2ABCPZ Datasheet HTML 3Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 4Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 5Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 6Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 7Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 8Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 9Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 10Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
Data Sheet
AD9518-2
Rev. C | Page 7 of 64
CLOCK OUTPUT ADDITIVE PHASE NOISE (DISTRIBUTION ONLY; VCO DIVIDER NOT USED)
Table 6.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
CLK-TO-LVPECL ADDITIVE PHASE NOISE
Distribution section only; does not include
PLL and VCO
CLK = 1 GHz, Output = 1 GHz
Input slew rate > 1 V/ns
Divider = 1
At 10 Hz Offset
−109
dBc/Hz
At 100 Hz Offset
−118
dBc/Hz
At 1 kHz Offset
−130
dBc/Hz
At 10 kHz Offset
−139
dBc/Hz
At 100 kHz Offset
−144
dBc/Hz
At 1 MHz Offset
−146
dBc/Hz
At 10 MHz Offset
−147
dBc/Hz
At 100 MHz Offset
−149
dBc/Hz
CLK = 1 GHz, Output = 200 MHz
Input slew rate > 1 V/ns
Divider = 5
At 10 Hz Offset
−120
dBc/Hz
At 100 Hz Offset
−126
dBc/Hz
At 1 kHz Offset
−139
dBc/Hz
At 10 kHz Offset
−150
dBc/Hz
At 100 kHz Offset
−155
dBc/Hz
At 1 MHz Offset
−157
dBc/Hz
>10 MHz Offset
−157
dBc/Hz
CLOCK OUTPUT ABSOLUTE PHASE NOISE (INTERNAL VCO USED)
Table 7.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LVPECL ABSOLUTE PHASE NOISE
Internal VCO; direct to LVPECL output
VCO = 2.335 GHz; Output = 2.335 GHz
At 1 kHz Offset
−46
dBc/Hz
At 10 kHz Offset
−78
dBc/Hz
At 100 kHz Offset
−105
dBc/Hz
At 1 MHz Offset
−124
dBc/Hz
At 10 MHz Offset
−141
dBc/Hz
At 40 MHz Offset
−146
dBc/Hz
VCO = 2.175 GHz; Output = 2.175 GHz
At 1 kHz Offset
−51
dBc/Hz
At 10 kHz Offset
−80
dBc/Hz
At 100 kHz Offset
−107
dBc/Hz
At 1 MHz Offset
−124
dBc/Hz
At 10 MHz Offset
−142
dBc/Hz
At 40 MHz Offset
−146
dBc/Hz
VCO = 2.05 GHz; Output = 2.05 GHz
At 1 kHz Offset
−53
dBc/Hz
At 10 kHz Offset
−82
dBc/Hz
At 100 kHz Offset
−108
dBc/Hz
At 1 MHz Offset
−127
dBc/Hz
At 10 MHz Offset
−142
dBc/Hz
At 40 MHz Offset
−147
dBc/Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com