Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9518-2ABCPZ Datasheet(PDF) 60 Page - Analog Devices

Part # AD9518-2ABCPZ
Description  6-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-2ABCPZ Datasheet(HTML) 60 Page - Analog Devices

Back Button AD9518-2ABCPZ Datasheet HTML 56Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 57Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 58Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 59Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 60Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 61Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 62Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 63Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 64Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
AD9518-2
Data Sheet
Rev. C | Page 60 of 64
LVPECL CLOCK DISTRIBUTION
The LVPECL outputs (because they are open emitter) require
a dc termination to bias the output transistors. The simplified
equivalent circuit in Figure 43 shows the LVPECL output stage.
In most applications, an LVPECL far-end Thevenin termination
(see Figure 53) or Y-termination (see Figure 54) is recommended.
In each case, the VS of the receiving buffer should match the
VS_LVPECL voltage. If it does not, ac coupling is recommended (see
Figure 55). In the case of Figure 55, pull-down resistors of <150 Ω
are not recommended when VS_LVPECL = 3.3 V; if used, damage to
the LVPECL drivers may result. The minimum recommended
pull-down resistor size for VS_LVPECL = 2.5 V is 100 Ω.
The resistor network is designed to match the transmission line
impedance (50 Ω) and the switching threshold (VS − 1.3 V).
VS_LVPECL
LVPECL
50Ω
50Ω
SINGLE-ENDED
(NOT COUPLED)
VS
VS_DRV
LVPECL
127Ω
127Ω
83Ω
83Ω
Figure 53. DC-Coupled 3.3 V LVPECL Far-End Thevenin Termination
VS_LVPECL
LVPECL
Z0 = 50Ω
VS = 3.3V
LVPECL
50Ω
50Ω
50Ω
Z0 = 50Ω
Figure 54. DC-Coupled 3.3 V LVPECL Y-Termination
VS_LVPECL
LVPECL
100Ω DIFFERENTIAL
(COUPLED)
TRANSMISSION LINE
VS
LVPECL
100Ω
0.1nF
0.1nF
200Ω
200Ω
Figure 55. AC-Coupled LVPECL with Parallel Transmission Line
LVPECL Y-termination is an elegant termination scheme that
uses the fewest components and offers both odd- and even-mode
impedance matching. Even-mode impedance matching is an
important consideration for closely coupled transmission lines
at high frequencies. Its main drawback is that it offers limited
flexibility for varying the drive strength of the emitter-follower
LVPECL driver. This can be an important consideration when
driving long trace lengths but is usually not an issue. In the case
shown in Figure 54, where VS_LVPECL = 2.5 V, the 50 Ω termination
resistor that is connected to ground should be changed to 19 Ω.
Thevenin-equivalent termination uses a resistor network to provide
50 Ω termination to a dc voltage that is below VOL of the LVPECL
driver. In this case, VS_LVPECL on the AD9518 should equal VS of
the receiving buffer. Although the resistor combination shown
in Figure 54 results in a dc bias point of VS_LVPECL − 2 V, the actual
common-mode voltage is VS_LVPECL − 1.3 V because there is
additional current flowing from the AD9518 LVPECL driver
through the pull-down resistor.
The circuit is identical when VS_LVPECL = 2.5 V, except that the pull-
down resistor is 62.5 Ω, and the pull-up resistor is 250 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com