Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9518-2ABCPZ Datasheet(PDF) 55 Page - Analog Devices

Part # AD9518-2ABCPZ
Description  6-Output Clock Generator with Integrated 2.2 GHz VCO
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9518-2ABCPZ Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9518-2ABCPZ Datasheet HTML 51Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 52Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 53Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 54Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 55Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 56Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 57Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 58Page - Analog Devices AD9518-2ABCPZ Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
Data Sheet
AD9518-2
Rev. C | Page 55 of 64
Reg.
Addr.
(Hex)
Bits
Name
Description
0x0F3
4
OUT3 invert
Sets the output polarity.
0: noninverting (default).
1: inverting.
[3:2]
OUT3 LVPECL
differential voltage
Sets the LVPECL output differential voltage (VOD).
3
2
VOD (mV)
0
0
400.
0
1
600.
1
0
780 (default).
1
1
960.
[1:0]
OUT3 power-down
LVPECL power-down modes.
1
0
Mode
Output
0
0
Normal operation.
On
0
1
Partial power-down, reference on; use only if there are no external load resistors.
Off
1
0
Partial power-down, reference on, safe LVPECL power-down (default).
Off
1
1
Total power-down, reference off; use only if there are no external load resistors.
Off
0x0F4
4
OUT4 invert
Sets the output polarity.
0: noninverting (default).
1: inverting.
[3:2]
OUT4 LVPECL
differential voltage
Sets the LVPECL output differential voltage (VOD).
3
2
VOD (mV)
0
0
400.
0
1
600.
1
0
780 (default).
1
1
960.
[1:0]
OUT4 power-down
LVPECL power-down modes.
1
0
Mode
Output
0
0
Normal operation (default).
On
0
1
Partial power-down, reference on; use only if there are no external load resistors.
Off
1
0
Partial power-down, reference on, safe LVPECL power-down.
Off
1
1
Total power-down, reference off; use only if there are no external load resistors.
Off
0x0F5
4
OUT5 invert
Sets the output polarity.
0: noninverting (default).
1: inverting.
[3:2]
OUT5 LVPECL
differential voltage
Sets the LVPECL output differential voltage (VOD).
3
2
VOD (mV)
0
0
400.
0
1
600.
1
0
780 (default).
1
1
960.
[1:0]
OUT5 power-down
LVPECL power-down modes.
1
0
Mode
Output
0
0
Normal operation.
On
0
1
Partial power-down, reference on; use only if there are no external load resistors.
Off
1
0
Partial power-down, reference on, safe LVPECL power-down (default).
Off
1
1
Total power-down, reference off; use only if there are no external load resistors.
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com