Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL201 Datasheet(PDF) 9 Page - Torex Semiconductor

Part # XCL201
Description  Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL201 Datasheet(HTML) 9 Page - Torex Semiconductor

Back Button XCL201 Datasheet HTML 5Page - Torex Semiconductor XCL201 Datasheet HTML 6Page - Torex Semiconductor XCL201 Datasheet HTML 7Page - Torex Semiconductor XCL201 Datasheet HTML 8Page - Torex Semiconductor XCL201 Datasheet HTML 9Page - Torex Semiconductor XCL201 Datasheet HTML 10Page - Torex Semiconductor XCL201 Datasheet HTML 11Page - Torex Semiconductor XCL201 Datasheet HTML 12Page - Torex Semiconductor XCL201 Datasheet HTML 13Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
9/21
XCL201/XCL202
Series
■
OPERATIONAL DESCRIPTION (Continued)
<PFM Switch Current>
In PFM control operation, until coil current reaches to a specified level (IPFM), the IC keeps the P-ch MOSFET on. In this case, on-time (tON) that
the P-ch MOSFET is kept on can be given by the following formula.
tON = L
×IPFM / (VIN−VOUT) →IPFM①
<PFM Duty Limit>
In the PFM control operation, the PFM Duty Limit (DTYLIMIT_PFM) is set to 200% (TYP.). Therefore, under the condition that the duty increases (e.g.
the condition that the step-down ratio is small), it’s possible for P-ch MOSFET to be turned off even when coil current doesn’t reach to IPFM. →IPFM②
<CL High Speed Discharge>
The XCL201/XCL202 series can quickly discharge the electric charge at the output capacitor (CL) when a low signal to the CE pin which enables
a whole IC circuit put into OFF state, is inputted via the N-channel transistor located between the LX pin and the VSS pin. When the IC is disabled,
electric charge at the output capacitor (CL) is quickly discharged so that it may avoid application malfunction. Discharge time of the output
capacitor (CL) is set by the CL auto-discharge resistance (R) and the output capacitor (CL). By setting time constant of a CL auto-discharge
resistance value [R] and an output capacitor value (CL) as τ(τ=C x R), discharge time of the output voltage after discharge via the N channel
transistor is calculated by the following formula.
V = VOUT(T) x e
–t/τ or t=τln (V
OUT(T) / V)
V : Output voltage after discharge
VOUT(T) : Output voltage
t: Discharge time,
τ: C x R
C=Capacitance of output capacitor (CL)
R=CL auto-discharge resistance
0
20
40
60
80
100
0
20
40
60
80
100
Discharge Time t(ms)
CL=10μF
CL=20μF
CL=50μF
tON
Lx
IPFM
0mA
IPFM①
IPFM②
0mA
Lx
fOSC
最大 IPFM 制限
Output Voltage Discharge Characteristics
RDCHG=300Ω(TYP.)
ILx
ILx
IPFM
DTY LIMIT_PFM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com