Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL201 Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XCL201
Description  Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL201 Datasheet(HTML) 3 Page - Torex Semiconductor

  XCL201 Datasheet HTML 1Page - Torex Semiconductor XCL201 Datasheet HTML 2Page - Torex Semiconductor XCL201 Datasheet HTML 3Page - Torex Semiconductor XCL201 Datasheet HTML 4Page - Torex Semiconductor XCL201 Datasheet HTML 5Page - Torex Semiconductor XCL201 Datasheet HTML 6Page - Torex Semiconductor XCL201 Datasheet HTML 7Page - Torex Semiconductor XCL201 Datasheet HTML 8Page - Torex Semiconductor XCL201 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
3/21
XCL201/XCL202
Series
BLOCK DIAGRAM
CE/
CE
R2
R1
Error
Amp.
Vref with
Soft Start,
CE
Phase
Compensation
Current Feedback
Current Limit
PWM
Comparator
Logic
Synch
Buffer
Drive
R3
R4
UVLO
UVLO Cmp
Ramp Wave
Generator
OSC
Lx
VSS
VIN
VOUT
CE
Control
Logic
VSHORT
FB
CFB
Inductor
VSS
L2
L1
PWM/PFM
Selector
ABSOLUTE MAXIMUM RATINGS
Ta = 25℃
PARAMETER
SYMBOL
RATINGS
UNITS
VIN Pin Voltage
VIN
- 0.3 ~ 6.5
V
LX Pin Voltage
VLX
- 0.3 ~ VIN + 0.3≦6.5
V
VOUT Pin Voltage
VOUT
- 0.3 ~ 6.5
V
CE Pin Voltage
VCE
- 0.3 ~ 6.5
V
LX Pin Current
ILX
±1500
mA
Power Dissipation
Pd
1000
*1
mW
Operating Ambient Temperature
Topr
- 40~ +85
Storage Temperature
Tstg
- 40 ~ +105
●XCL201B / XCL202B Series
NOTE: The XCL201 offers a fixed PWM control, a signal from CE Control Logic to PWM/PFM Selector is fixed to "L" level inside. The
XCL202 control scheme is PWM/PFM automatic switching, a signal from CE Control Logic to PWM/PFM Selector is fixed to "H" level
inside. The diodes placed inside are ESD protection diodes and parasitic diodes.
*1: The power dissipation figure shown is PCB mounted (40mm×40mm, t=1.6mm, Glass Epoxy FR-4).
Please refer to page 12 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com