Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL201 Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XCL201
Description  Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL201 Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XCL201 Datasheet HTML 7Page - Torex Semiconductor XCL201 Datasheet HTML 8Page - Torex Semiconductor XCL201 Datasheet HTML 9Page - Torex Semiconductor XCL201 Datasheet HTML 10Page - Torex Semiconductor XCL201 Datasheet HTML 11Page - Torex Semiconductor XCL201 Datasheet HTML 12Page - Torex Semiconductor XCL201 Datasheet HTML 13Page - Torex Semiconductor XCL201 Datasheet HTML 14Page - Torex Semiconductor XCL201 Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/21
XCL201/XCL202
Series
■
NOTE ON USE
④
Limit > #ms
⑤
③
②
①
Duty
Lx
ILIM
ILx
1. The XCL201/XCL202 series is designed for use with ceramic output capacitors. If, however, the potential difference is too large between
the input voltage and the output voltage, a ceramic capacitor may fail to absorb the resulting high switching energy and oscillation could
occur on the output. If the input-output potential difference is large, connect an electrolytic capacitor in parallel to compensate for
insufficient capacitance.
2. Spike noise and ripple voltage arise in a switching regulator as with a DC/DC converter. These are greatly influenced by external
component selection, such as the coil inductance, capacitance values, and board layout of external components. Once the design has been
completed, verification with actual components should be done.
3. Depending on the input-output voltage differential, or load current, some pulses may be skipped, and the ripple voltage may increase.
4. When the difference between input and output is large in PWM control, very narrow pulses will be outputted, and there is the possibility that
some cycles may be skipped completely.
5. When the difference between input and output is small, and the load current is heavy, very wide pulses will be outputted and there is the
possibility that some cycles may be skipped completely.
6. With the IC, the peak current of the coil is controlled by the current limit circuit. Since the peak current increases when dropout voltage or
load current is high, current limit starts operation, and this can lead to instability. When peak current becomes high, please adjust the coil
inductance value and fully check the circuit operation. In addition, please calculate the peak current according to the following formula:
Ipk = (VIN - VOUT) x OnDuty / (2 x L x fOSC) + IOUT
L: Coil Inductance Value
fOSC: Oscillation Frequency
7. When the peak current which exceeds limit current flows within the specified time, the built-in P-ch driver transistor turns off. During the
time until it detects limit current and before the built-in transistor can be turned off, the current for limit current flows; therefore, care must be
taken when selecting the rating for the external components such as a coil.
8. When VIN is less than 2.4V, limit current may not be reached because voltage falls caused by ON resistance.
9. Depending on the state of the PC Board, latch time may become longer and latch operation may not work. In order to avoid the effect of
noise, the board should be laid out so that input capacitors are placed as close to the IC as possible.
10. Use of the IC at voltages below the recommended voltage range may lead to instability.
11. This IC should be used within the stated absolute maximum ratings in order to prevent damage to the device.
12. When the IC is used in high temperature, output voltage may increase up to input voltage level at no load because of the leak current of
the driver transistor.
13. The current limit is set to 1000mA (MAX.) at typical. However, the current of 1000mA or more may flow.
In case that the current limit functions while the VOUT pin is shorted to the GND pin, when P-ch MOSFET is ON, the potential difference for
input voltage will occur at both ends of a coil. For this, the time rate of coil current becomes large. By contrast, when N-ch MOSFET is
ON, there is almost no potential difference at both ends of the coil since the VOUT pin is shorted to the GND pin. Consequently, the time
rate of coil current becomes quite small. According to the repetition of this operation, and the delay time of the circuit, coil current will be
converged on a certain current value, exceeding the amount of current, which is supposed to be limited originally. Even in this case,
however, after the over current state continues for several ms, the circuit will be latched. A coil should be used within the stated absolute
maximum rating in order to prevent damage to the device.
①
Current flows into P-ch MOSFET to reach the current limit (ILIM).
②
The current of ILIM or more flows since the delay time of the circuit occurs during from the detection of the current limit to OFF of P-ch MOSFET.
③
Because of no potential difference at both ends of the coil, the time rate of coil current becomes quite small.
④
Lx oscillates very narrow pulses by the current limit for several ms.
⑤
The circuit is latched, stopping its operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com