Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL201 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XCL201
Description  Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL201 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XCL201 Datasheet HTML 2Page - Torex Semiconductor XCL201 Datasheet HTML 3Page - Torex Semiconductor XCL201 Datasheet HTML 4Page - Torex Semiconductor XCL201 Datasheet HTML 5Page - Torex Semiconductor XCL201 Datasheet HTML 6Page - Torex Semiconductor XCL201 Datasheet HTML 7Page - Torex Semiconductor XCL201 Datasheet HTML 8Page - Torex Semiconductor XCL201 Datasheet HTML 9Page - Torex Semiconductor XCL201 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
6/21
XCL201/XCL202 Series
■
ELECTRICAL CHARACTERISTICS (Continued)
The value and conditions are depends on setting output voltage.
●PFM Switching Current (IPFM) (XCL202)
NOMINAL OUTPUT VOLTAGE
MIN.
TYP.
MAX.
0.8V≦VOUT(T) ≦1.2V
140mA
180mA
240mA
1.2V<VOUT(T)<1.8V
130mA
170mA
220mA
1.8V≦VOUT(T)≦4.0V
120mA
160mA
200mA
●PFM Duty Limit DTYLIMIT_PFM (XCL202)
SETTING VOLTAGE
CONDITIONS
0.8V≦VOUT(T)<1.0V
VCE=VIN=2.0V, IOUT=1mA
1.0V≦VOUT(T)≦4.0V
VCE=VIN=VOUT(T)+0.5V, IOUT=1mA
●Soft-Start Time tSS
SERIES
OUTPUT VOLTAGE
MIN.
TYP.
MAX.
0.8V≦VOUT(T)<1.5V
-
0.25ms
0.40ms
1.5V≦VOUT(T)<1.8V
-
0.32ms
0.50ms
1.8V≦VOUT(T)<2.5V
-
0.28ms
0.40ms
XCL201B
2.5V≦VOUT(T)≦4.0V
-
0.32ms
0.50ms
0.8V≦VOUT(T)<2.5V
-
0.28ms
0.40ms
XCL202B
2.5V≦VOUT(T)≦4.0V
-
0.32ms
0.50ms
■
TYPICAL APPLICATION CIRCUIT
XCL201/XCL202 Series
●External Components
CIN : 10V/4.7μF(Ceramic)
CL : 6.3V/10μF(Ceramic)
NOTE:
The Inductor can be used only for this DC/DC converter.
Please do not use this inductor for the other reasons.
Please use B, X5R, and X7R grades in temperature characteristics for CIN and CL capacitors.
These grade ceramic capacitors minimize capacitance-loss as a function of voltage stress.
VIN
Vss
Vss
Lx
VOUT
CE
L1
L2
CIN
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com