Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL201 Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XCL201
Description  Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL201 Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XCL201 Datasheet HTML 6Page - Torex Semiconductor XCL201 Datasheet HTML 7Page - Torex Semiconductor XCL201 Datasheet HTML 8Page - Torex Semiconductor XCL201 Datasheet HTML 9Page - Torex Semiconductor XCL201 Datasheet HTML 10Page - Torex Semiconductor XCL201 Datasheet HTML 11Page - Torex Semiconductor XCL201 Datasheet HTML 12Page - Torex Semiconductor XCL201 Datasheet HTML 13Page - Torex Semiconductor XCL201 Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10/21
XCL201/XCL202 Series
■
OPERATIONAL DESCRIPTION (Continued)
<CE Pin Function>
The operation of the XCL201/XCL202 series will enter into the shut down mode when a low level signal is input to the CE pin. During the
shutdown mode, the current consumption of the IC becomes 0μA (TYP.), with a state of high impedance at the Lx pin and VOUT pin. The IC
starts its operation by inputting a high level signal to the CE pin. The input to the CE pin is a CMOS input and the sink current is 0μA (TYP.).
●XCL20/XCL202 series - Examples of how to use CE pin
<Soft Start>
Soft start time is internally set 0.25ms to 0.32ms (TYP). Soft start time is defined as the time to reach 90% of the output nominal voltage when
the CE pin is turned on.
■
FUNCTION CHART
(A)
SW_CE
SELECTED STATUS
ON
Stand-by
OFF
Operation
(B)
SW_CE
SELECTED STATUS
ON
Operation
OFF
Stand-by
CE
OPERATIONAL STATES
VOLTAGE
LEVEL
XCL201
XCL202
H Level
(*1)
Synchronous
PWM Fixed Control
Synchronous
PWM/PFM Automatic Switching
L Level
(*2)
Stand-by
Stand-by
* CE pin voltage level range
(*1) H level: 0.65V<VCE<6V
(*2) L level: 0V<VCE<0.25V
(*3) CE pin should not be left open to avoid unstable operation.
tSS
VCEH
0V
0V
VOUT
CE
CE
VIN
VDD
SW_CE
R1
< IC inside >
< IC inside >
VIN
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com