Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL201 Datasheet(PDF) 12 Page - Torex Semiconductor

Part # XCL201
Description  Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL201 Datasheet(HTML) 12 Page - Torex Semiconductor

Back Button XCL201 Datasheet HTML 8Page - Torex Semiconductor XCL201 Datasheet HTML 9Page - Torex Semiconductor XCL201 Datasheet HTML 10Page - Torex Semiconductor XCL201 Datasheet HTML 11Page - Torex Semiconductor XCL201 Datasheet HTML 12Page - Torex Semiconductor XCL201 Datasheet HTML 13Page - Torex Semiconductor XCL201 Datasheet HTML 14Page - Torex Semiconductor XCL201 Datasheet HTML 15Page - Torex Semiconductor XCL201 Datasheet HTML 16Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
12/21
XCL201/XCL202 Series
■
NOTE ON USE (Continued)
the power loss of micro DC/DC according to the following formula:
power loss = VOUT
×IOUT×((100/EFFI) – 1) (W)
VOUT : Output Voltage (V)
IOUT : Output Current (A)
EFFI: Conversion Efficiency (%)
Measurement Condition (Reference data)
Condition: Mount on a board
Ambient: Natural convection
Soldering: Lead (Pb) free
Board: Dimensions 40 x 40 mm (1600 mm
2 in one side)
Copper (Cu) traces occupy 50% of the board area
In top and back faces
Package heat-sink is tied to the copper traces
Material: Glass Epoxy (FR-4)
Thickness: 1.6mm
Through-hole: 4 x 0.8 Diameter
14. In order to stabilize VIN voltage level and oscillation frequency, we recommend that a by-pass capacitor (CIN) be connected as close as
possible to the VIN & VSS pins.
15. High step-down ratio and very light load may lead an intermittent oscillation when PWM mode.
16. When PWM/PFM automatic switching goes into continuous mode, the IC may be in unstable operation for the range of MAXDUTY area
with small input/output differential.
17. Please use within the power dissipation range below. Please also note that the power dissipation may changed by test conditions, the
power dissipation figure shown is PCB mounted.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
Operating Temperature Ta (℃)
Evaluation Board (unit: mm)
.
.
40.0
28.9
2.54
1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com