Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL201 Datasheet(PDF) 16 Page - Torex Semiconductor

Part # XCL201
Description  Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL201 Datasheet(HTML) 16 Page - Torex Semiconductor

Back Button XCL201 Datasheet HTML 12Page - Torex Semiconductor XCL201 Datasheet HTML 13Page - Torex Semiconductor XCL201 Datasheet HTML 14Page - Torex Semiconductor XCL201 Datasheet HTML 15Page - Torex Semiconductor XCL201 Datasheet HTML 16Page - Torex Semiconductor XCL201 Datasheet HTML 17Page - Torex Semiconductor XCL201 Datasheet HTML 18Page - Torex Semiconductor XCL201 Datasheet HTML 19Page - Torex Semiconductor XCL201 Datasheet HTML 20Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
16/21
XCL201/XCL202 Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(7) UVLO Voltage vs. Ambient Temperature
(8) CE "H" Voltage vs. Ambient Temperature
0.0
0.3
0.6
0.9
1.2
1.5
1.8
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
CE=VIN
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VIN=5.0V
3.6V
2.4V
(9) CE "L" Voltage vs. Ambient Temperature
(10) "Pch / Nch" Driver on Resistance vs. Input Voltage
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VIN=5.0V
3.6V
2.4V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
01
234
56
Input Voltage : VIN (V)
Pch on Resistance
Nch on Resistance
(11) Rise Wave Form
CE:0.0V⇒1.0V
VIN=5.0V
IOUT=1.0mA
Time:100μs/div
VOUT
1ch
2ch
1ch:1V/div
2ch:1V/div
XCL201B331BR/XCL202B331BR
XCL201B181BR/XCL202B181BR
XCL201B181BR/XCL202B181BR
XCL201B181BR/XCL202B181BR
XCL201B181BR/XCL202B181BR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com