Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL201 Datasheet(PDF) 20 Page - Torex Semiconductor

Part # XCL201
Description  Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL201 Datasheet(HTML) 20 Page - Torex Semiconductor

Back Button XCL201 Datasheet HTML 13Page - Torex Semiconductor XCL201 Datasheet HTML 14Page - Torex Semiconductor XCL201 Datasheet HTML 15Page - Torex Semiconductor XCL201 Datasheet HTML 16Page - Torex Semiconductor XCL201 Datasheet HTML 17Page - Torex Semiconductor XCL201 Datasheet HTML 18Page - Torex Semiconductor XCL201 Datasheet HTML 19Page - Torex Semiconductor XCL201 Datasheet HTML 20Page - Torex Semiconductor XCL201 Datasheet HTML 21Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
20/21
XCL201/XCL202 Series
MARKING RULE
represents products series
represents integer of output voltage and oscillation frequency
represents the decimal part of output voltage
Example (Mark ②, ③)
,⑤ represents production lot number
01∼09, 0A∼0Z, 11∼9Z, A1∼A9, AA∼AZ, B1∼ZZ in order.
(G, I, J, O, Q, W excluded)
*No character inversion used.
MARK
PRODUCT SERIES
F
XCL201B*****-G
H
XCL202B*****-G
MARK
OUTPUT VOLTAGE (V)
OSCILLATION FREQUENCY=1.2MHz
(XCL20****1**-G)
0.x
F
1.x
H
2.x
K
3.x
L
4.x
M
OUTPUT VOLTAGE (V)
MARK
PRODUCT SERIES
X.0
0
XCL20***0***-G
X.05
A
XCL20***A***-G
X.1
1
XCL20***1***-G
X.15
B
XCL20***B***-G
X.2
2
XCL20***2***-G
X.25
C
XCL20***C***-G
X.3
3
XCL20***3***-G
X.35
D
XCL20***D***-G
X.4
4
XCL20***4***-G
X.45
E
XCL20***E***-G
X.5
5
XCL20***5***-G
X.55
F
XCL20***F***-G
X.6
6
XCL20***6***-G
X.65
H
XCL20***H***-G
X.7
7
XCL20***7***-G
X.75
K
XCL20***K***-G
X.8
8
XCL20***8***-G
X.85
L
XCL20***L***-G
X.9
9
XCL20***9***-G
X.95
M
XCL20***M***-G
MARK
XCL20**33***-G
XCL20**2C***-G
XCL20**1L***-G
OSCILLATION
FREQUENCY
1.2MHz
L
3
K
C
H
L
1
2
3
6
5
4
CL-2025



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com