Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL201 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XCL201
Description  Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL201 Datasheet(HTML) 2 Page - Torex Semiconductor

  XCL201 Datasheet HTML 1Page - Torex Semiconductor XCL201 Datasheet HTML 2Page - Torex Semiconductor XCL201 Datasheet HTML 3Page - Torex Semiconductor XCL201 Datasheet HTML 4Page - Torex Semiconductor XCL201 Datasheet HTML 5Page - Torex Semiconductor XCL201 Datasheet HTML 6Page - Torex Semiconductor XCL201 Datasheet HTML 7Page - Torex Semiconductor XCL201 Datasheet HTML 8Page - Torex Semiconductor XCL201 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
2/21
XCL201/XCL202 Series
PIN CONFIGURATION
PIN ASSIGNMENT
PRODUCT CLASSIFICATION
Ordering Information
XCL201①②③④⑤⑥-⑦
(*1)
Fixed PWM control
XCL202①②③④⑤⑥-⑦
(*1)
PWM / PFM automatic switching control
PIN NUMBER
PIN NAME
FUNCTION
1
Lx
Switching Output
2,5
VSS
Ground
3
VOUT
Output Voltage
4
CE
Chip Enable
6
VIN
Power Input
7
L1
8
L2
Inductor Electrodes
DESIGNATOR
ITEM
SYMBOL
DESCRIPTION
Functions selection
B
CL auto discharge, High speed soft-start
10
1.0V
12
1.2V
15
1.5V
18
1.8V
25
2.5V
28
2.8V
30
3.0V
②③
Output Voltage
(*2)
33
3.3V
Oscillation Frequency
1
1.2MHz
⑤⑥-⑦
(*1)
Package
(Order Unit)
BR-G
CL-2025 (3,000/Reel)
(BOTTOM VIEW)
L1
L2
7
8
VIN 6
Vss 5
4
1 Lx
2
Vss
3 VOUT
CE
* It should be connected the VSS pin (No. 2 and 5) to the GND pin.
* If the dissipation pad needs to be connected to other pins, it should be connected to the GND pin.
* Please refer to pattern layout page for the connecting to PCB.
(*1) The “-G” suffix denotes Halogen and Antimony free as well as being fully RoHS compliant.
(*2) When other output voltages are needed, please contact your local Torex sales office for more information.
Output voltage range is 0.8~4.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com