Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL201 Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XCL201
Description  Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL201 Datasheet(HTML) 1 Page - Torex Semiconductor

  XCL201 Datasheet HTML 1Page - Torex Semiconductor XCL201 Datasheet HTML 2Page - Torex Semiconductor XCL201 Datasheet HTML 3Page - Torex Semiconductor XCL201 Datasheet HTML 4Page - Torex Semiconductor XCL201 Datasheet HTML 5Page - Torex Semiconductor XCL201 Datasheet HTML 6Page - Torex Semiconductor XCL201 Datasheet HTML 7Page - Torex Semiconductor XCL201 Datasheet HTML 8Page - Torex Semiconductor XCL201 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
1/21
XCL201/XCL202Series
Inductor Built-in Step-Down “micro DC/DC” Converters
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
Output Current:IOUT (mA)
5.0V
VOUT=3.3V
XCL202(PWM/PFM)
XCL201(PWM)
4.2V
VIN= 5.5V
■ TYPICAL PERFORMANCE
CHARACTERISTICS
APPLICATIONS
●Mobile phones, Smart phones
●Bluetooth Headsets
●WiMAX PDAs, MIDs, UMPCs
●Portable game consoles
●Digital cameras, Camcorders
●SSD(Solid State Drive)
●PND(Portable Navigation Device)
■TYPICAL APPLICATION CIRCUIT
ETR2802-003
XCL201B331BR/XCL202B331BR
VIN
Vss
CE
LX
Vss
VOUT
CL
10μF
4.7μF
CIN
L1
L2
400mA
XCL201/XCL202 Series
GENERAL DESCRIPTION
The XCL201/XCL201 series is a synchronous step-down micro DC/DC converter which integrates an inductor and a control IC
in one tiny package (2.5mm×2.0mm, h=1.0mm). A stable power supply with an output current of 400mA is configured using
only two capacitors connected externally.
Operating voltage range is from 2.0V to 6.0V. Output voltage is internally set in a range from 0.8V to 4.0V in increments of
0.05V. The device is operated by 1.2MHz, and includes 0.42ΩP-channel driver transistor and 0.52ΩN-channel switching
transistor. As for operation mode, the XCL201 series is PWM control, the XCL202 series is automatic PWM/PFM switching
control, allowing fast response, low ripple and high efficiency over the full range of loads (from light load to heavy load).
During stand-by, the device is shutdown to reduce current consumption to as low as 1.0μA or less. With the built-in UVLO
(Under Voltage Lock Out) function, the internal driver transistor is forced OFF when input voltage becomes 1.4V or lower. The
series provide short-time turn-on by the soft start function internally set in 0.25ms (TYP). The series integrate CL auto
discharge function which enables the electric charge stored at the output capacitor CL to be discharged via the internal
auto-discharge switch located between the LX and VSS pins. When the devices enter stand-by mode, output voltage quickly
returns to the VSS level as a result of this function.
FEATURES
Ultra Small
: 2.5mm×2.0mm, h=1.0mm
Input Voltage
: 2.0V ~ 6.0V
Output Voltage
: 0.8V ~ 4.0V (±2.0%)
High Efficiency
: 92%(VIN=4.2V,VOUT=3.3V)
Output Current
: 400mA
Oscillation Frequency
: 1.2MHz (±15%)
Maximum Duty Cycle
: 100%
Output Capacitor
: Low ESR Ceramic
Current Limiter Circuit
: Constant Current & Latching
Control Methods
: PWM (XCL201)
PWM/PFM Auto (XCL202)
CE Function
: Soft-Start Circuit Built-In
Operating Ambient Temperature : -40℃∼+85℃
Environmentally Friendly
: EU RoHS Compliant, Pb Free
(TOP VIEW)
* “L1 and LX”, and “L2 and VOUT” is connected by wiring.
☆GreenOperation Compatible


Similar Part No. - XCL201

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL205 TOREX-XCL205 Datasheet
562Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL205 TOREX-XCL205 Datasheet
563Kb / 26P
Inductor Built-in Step-Down micro DC/DC Converters
XCL205 TOREX-XCL205 Datasheet
1Mb / 27P
Inductor Built-in Step-Down “micro DC/DC” Converters
XCL205A083AR-G TOREX-XCL205A083AR-G Datasheet
1Mb / 27P
Inductor Built-in Step-Down “micro DC/DC” Converters
XCL205A083CR-G TOREX-XCL205A083CR-G Datasheet
1Mb / 27P
Inductor Built-in Step-Down “micro DC/DC” Converters
More results

Similar Description - XCL201

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCL208 TOREX-XCL208 Datasheet
824Kb / 22P
400mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL213 TOREX-XCL213 Datasheet
556Kb / 16P
1.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL210 TOREX-XCL210 Datasheet
978Kb / 24P
50mA/200mA Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL219 TOREX-XCL219 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL220 TOREX-XCL220 Datasheet
1Mb / 20P
1.0A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL221 TOREX-XCL221 Datasheet
1Mb / 20P
0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL222 TOREX-XCL222 Datasheet
1Mb / 20P
0.5A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL223 TOREX-XCL223 Datasheet
669Kb / 20P
0.4A/0.7A Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
XCL225 TOREX-XCL225 Datasheet
761Kb / 27P
0.5A Inductor Built-in Step-down ?쐌icro DC/DC??Converter
XCL301 TOREX-XCL301 Datasheet
718Kb / 19P
Inductor Built-in Inverting ?쐌icro DC/DC??Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com