Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL201 Datasheet(PDF) 15 Page - Torex Semiconductor

Part # XCL201
Description  Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL201 Datasheet(HTML) 15 Page - Torex Semiconductor

Back Button XCL201 Datasheet HTML 11Page - Torex Semiconductor XCL201 Datasheet HTML 12Page - Torex Semiconductor XCL201 Datasheet HTML 13Page - Torex Semiconductor XCL201 Datasheet HTML 14Page - Torex Semiconductor XCL201 Datasheet HTML 15Page - Torex Semiconductor XCL201 Datasheet HTML 16Page - Torex Semiconductor XCL201 Datasheet HTML 17Page - Torex Semiconductor XCL201 Datasheet HTML 18Page - Torex Semiconductor XCL201 Datasheet HTML 19Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 21 page
background image
15/21
XCL201/XCL202
Series
■
TYPICAL PERFORMANCE CHARACTERISTICS
(1) Efficiency vs. Output Current
(2) Output Voltage vs. Output Current
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
Output Current:IOUT (mA)
3.6V
XCL202(PWM/PFM)
XCL201(PWM)
2.7V
VIN= 4.2V
1.5
1.6
1.7
1.8
1.9
2.0
2.1
0.01
0.1
1
10
100
1000
Output Current:IOUT (mA)
VIN=4.2V,3.6V,2.7V
XCL201
(PWM/PFM)
(PWM)
XCL202
(3) Ripple Voltage vs. Output Current
(4) Oscillation Frequency vs. Ambient Temperature
0
20
40
60
80
100
0.01
0.1
1
10
100
1000
Output Current:IOUT (mA)
3.6V
XCL201
XCL202
VIN=4.2V
2.7V
VIN=4.2V
3.6V
2.7V
(PWM/PFM)
(PWM)
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VIN=3.6V
(5) Supply Current vs. Ambient Temperature
(6) Output Voltage vs. Ambient Temperature
0
5
10
15
20
25
30
35
40
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VIN=6.0V
4.0V
2.0V
1.5
1.6
1.7
1.8
1.9
2.0
2.1
-50
-25
0
25
50
75
100
Ambient Temperature: Ta (℃)
VIN=3.6V
XCL201B181BR/XCL202B181BR
XCL201B181BR/XCL202B181BR
XCL201B181BR/XCL202B181BR
XCL201B181BR/XCL202B181BR
XCL202B181BR
XCL201B181BR/XCL202B181BR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com