Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XCL201 Datasheet(PDF) 18 Page - Torex Semiconductor

Part # XCL201
Description  Inductor Built-in Step-Down ?쐌icro DC/DC??Converters
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCL201 Datasheet(HTML) 18 Page - Torex Semiconductor

Back Button XCL201 Datasheet HTML 13Page - Torex Semiconductor XCL201 Datasheet HTML 14Page - Torex Semiconductor XCL201 Datasheet HTML 15Page - Torex Semiconductor XCL201 Datasheet HTML 16Page - Torex Semiconductor XCL201 Datasheet HTML 17Page - Torex Semiconductor XCL201 Datasheet HTML 18Page - Torex Semiconductor XCL201 Datasheet HTML 19Page - Torex Semiconductor XCL201 Datasheet HTML 20Page - Torex Semiconductor XCL201 Datasheet HTML 21Page - Torex Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
18/21
XCL201/XCL202 Series
■
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
(14) Load Transient Response (Continued)
MODE:PWM Control
1ch:100mA/div 2ch:50mV/div
time:200μs/div
2ch
1ch
IOUT=1mA ⇒ 100mA
VIN=3.6V,VOUT=1.8V
VOUT
1ch:100mA/div 2ch:50mV/div
time:200μs/div
2ch
1ch
IOUT=1mA ⇒ 300mA
VIN=3.6V,VOUT=1.8V
VOUT
time:200μs/div
1ch:100mA/div 2ch:50mV/div
2ch
1ch
IOUT=100mA ⇒ 1mA
VIN=3.6V,VOUT=1.8V
VOUT
time:200μs/div
1ch:100mA/div 2ch:50mV/div
2ch
1ch
IOUT=300mA ⇒ 1mA
VIN=3.6V,VOUT=1.8V
VOUT
XCL201B181BR
XCL201B181BR
XCL201B181BR
XCL201B181BR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com