Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL0921 Datasheet(PDF) 4 Page - SHANGHAI BELLING CO., LTD.

Part # BL0921
Description  Single Phase Energy Meter IC with Integrated Oscillator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL0921 Datasheet(HTML) 4 Page - SHANGHAI BELLING CO., LTD.

  BL0921 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
BL0921
BL0921
BL0921
BL0921
http://www.belling.com.cn
- 4 -
3/15/2007
Total 13 Pages
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
10 Gain Error Match
Pin14
0.2
1
%
TERMINOLOGY
1) Measurement Error
The error associated with the energy measurement made by the BL0921 is defined by the
following formula:
%
100
0921
Re
×
−
=
Energy
True
Energy
True
BL
the
gisteredby
Energy
Error
Pencebtage
2) Nonlinear Error
The Nonlinear Error is defined by the following formula:
eNL%=[(Error at X-Error at Ib) / (1+Error at Ib )]*100%
When V(v)=
±110mV, cosϕ=1, over the arrange of 5%Ib to 800%Ib, the nonlinear error should be
less than 0.1%.
3) Positive And Negative Real Power Error
When the positive real power and the negative real power is equal, and V(v) =
±110mV, the test
current is Ib, then the positive and negative real power error can be achieved by the following
formula:
eNP%=|[(eN%-eP%)/(1+eP%)]*100%|
Where: eP% is the Positive Real Power Error, eN% is the Negative Real Power Error.
4) Phase Error Between Channels
The HPF (High Pass Filter) in Channel 1 has a phase lead response. To offset this phase response
and equalize the phase response between channels, a phase correction network is also placed in
Channel 1. The phase correction network matches the phase to within ±0.1°over a range of 45
Hz to 65 Hz and ±0.2°over a range 40Hz to 1KHz.
5) Gain Error
The gain error of the BL0921 is defined as the difference between the measured output frequency
(minus the offset) and the ideal output frequency. It is measured with a gain of 1 in channel V1.
The difference is expressed as a percentage of the ideal frequency. The ideal frequency is obtained
from the BL0921 transfer function.
6) Gain Error Match
The gain error match is defined as the gain error (minus the offset) obtained when switching
between a gain of 1 and a gain of 16. It is expressed as a percentage of the output frequency
obtained under a gain of 1. This gives the gain error observed when the gain selection is changed
from 1 to 16.
7) Power Supply Monitor
BL0921 has the on-chip Power Supply monitoring The BL0921 will remain in a reset
condition until the supply voltage on VDD reaches 4 V. If the supply falls below 4 V, the BL0921
will also be reset and no pulses will be issued on F1, F2 and CF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com