Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL0921 Datasheet(PDF) 12 Page - SHANGHAI BELLING CO., LTD.

Part # BL0921
Description  Single Phase Energy Meter IC with Integrated Oscillator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL0921 Datasheet(HTML) 12 Page - SHANGHAI BELLING CO., LTD.

Back Button BL0921 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
BL0921
BL0921
BL0921
BL0921
http://www.belling.com.cn
- 12 -
3/15/2007
Total 13 Pages
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
low-pass filters this product to extract real power information. This real power information is then
converted to a frequency. The frequency information is output on F1 and F2 in the form of active
low pulses. The pulse rate at these outputs is relatively low. It means that the frequency at these
outputs is generated from real power information accumulated over a relatively long period of
time. The result is an output frequency that is proportional to the average real power. The average
of the real power signal is implicit to the digital-to-frequency conversion. The output frequency or
pulse rate is related to the input voltage signals by the following equation.
2
)
(
)
(
5
.
3
REF
V
Fz
Gain
i
V
v
V
Freq
×
×
×
×
=
Freq——Output frequency on F1 and F2 (Hz)
V(v)——Differential rms voltage signal on Channel 1 (volts)
V(i)——Differential rms voltage signal on Channel 2 (volts)
Gain——1 , 16 depending on the PGA gain selection, using logic inputs G
Vref——The reference voltage (2.4 V±8%) (volts)
Fz——One of four possible frequencies selected by using the logic inputs S0 and S1.
S1
S0
Fz(Hz)
0
0
1.7
0
1
3.4
1
0
6.8
1
1
13.6
Frequency Output CF
The pulse output CF (Calibration Frequency) is intended for use during calibration. The output
pulse rate on CF can be up to 128 times the pulse rate on F1 and F2. The following Table shows
how the two frequencies are related, depending on the states of the logic inputs S0, S1 and SCF.
Mode
S1
S0
CF/F1 (or F2)
1
0
0
64
2
0
1
32
3
1
0
16
4
1
1
8
Because of its relatively high pulse rate, the frequency at this logic output is proportional to the
instantaneous real power. As is the case with F1 and F2, the frequency is derived from the output
of the low-pass filter after multiplication. However, because the output frequency is high, this real
power information is accumulated over a much shorter time. Hence less averaging is carried out in
the digital-to-frequency conversion. With much less averaging of the real power signal, the CF
output is much more responsive to power fluctuations.
Gain Selection
By select the digital input G0 and G1 voltage (5V or 0V), we can adjust the gain of current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com