Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL0921 Datasheet(PDF) 3 Page - SHANGHAI BELLING CO., LTD.

Part # BL0921
Description  Single Phase Energy Meter IC with Integrated Oscillator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL0921 Datasheet(HTML) 3 Page - SHANGHAI BELLING CO., LTD.

  BL0921 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BL0921
BL0921
BL0921
BL0921
http://www.belling.com.cn
- 3 -
3/15/2007
Total 13 Pages
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
ELECTRONIC CHARACTERISTIC PARAMETER
(T=25℃, VDD=5V,On-Chip Oscillator,On-Chip voltage reference)
Parameter
Symbol
Test Condition
Measure
Pin
Min
Value
Typica
l Value
Max
Value
Unit
1 Power Supply
IDD
Pin1
5
mA
2 Logic Input Pins
S1, S0, G,
Pin 9,
10, 11
Input High Voltage
VIH
2
V
Input Low Voltage
VIL
VDD=5V
1
V
Input Capacitance
CIN
10
pF
3 Logic Output Pins F1,
F2, CF, REVP, FAULT
Pin16,15
,14,13,12
Output High Voltage
VOH1
IH=10mA
4.4
V
Output Low Voltage
VOL1
IL=10mA
0.5
V
4 On-chip Reference
Vref
VDD=5V
Pin7
2.3
2.5
2.7
V
Temperature coefficient
30
60
ppm/
°C
5 Analog Input Pins
V1A, V1B, V1N, V2N,
V2P
Pin
2,3,4,5,,6
Maximum Input Voltage
VAIN
±1
V
DC Input Impedance
330
Kohm
Input Capacitance
6
10
pF
6 Accuracy
Measurement Error on
Channel 1 and 2
Gain=1
ENL1
Pin14
0.1
%
Gain=16
ENL16
Both channels with
Full-Scale signal
±660mV over a
dynamic range 500 to 1
Pin14
0.1
%
Phase
Error
between
Channels
Channel 1 Lead 37
°
(PF=0.8 Capacitive)
Pin14
0.1
°
Channel 1 Lags
(PF=0.5 Inductive)
Pin14
0.1
°
7 Start Current
ISTART
Ib=5A, C=3200
Pin14
0.2%Ib
A
8 Positive and Negative
Real Power Error (%)
ENP
Vv=
±110mV,V(I)=2mV,
cos
ϕ=1
Vv=
±110mV,V(I)=2mV,
cos
ϕ=-1
Pin14
0.1
0.3
%
9 Gain Error
Gain error
Pin14
±5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com