Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL0921 Datasheet(PDF) 9 Page - SHANGHAI BELLING CO., LTD.

Part # BL0921
Description  Single Phase Energy Meter IC with Integrated Oscillator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL0921 Datasheet(HTML) 9 Page - SHANGHAI BELLING CO., LTD.

Back Button BL0921 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
BL0921
BL0921
BL0921
BL0921
http://www.belling.com.cn
- 9 -
3/15/2007
Total 13 Pages
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
AGND
VAP
VN
+
-
CF
AGND
CF
RF
RF
CT
±660mV
AGND
AGND
VAP
VN
+
-
CF
AGND
CF
Ra
RF
±660mV
AGND
AGND
Rb
Rv
AGND
Ra >> RF
Rb+Rv=RF
Phase Neutral
Phase Neutral
Figure 5.
Typical Connections for Voltage Channels
Current Channel Input
The voltage outputs from the current transducers are connected to the BL0921 here. As Figure6
shows that channel V1 has two voltage inputs, namely V1A and V1B. These inputs are fully
differential with respect to V1N. However, at any one time, only one is selected to perform the
power calculation.
V1
V2
+660mV
-660mV
V1
V2
AGND
V2P
V2N
+
-
Maximun input differential voltage
±660mV
Maximun input common-mode voltage
±100mV
Figure 6.
Current Channels
The analog inputs V1A, V1B and V1N have same maximum signal level restrictions as V2P and
V2N. However, Channel 1 has a programmable gain amplifier (PGA) with user-selectable gains of
1 or 16. These gains facilitate easy transducer interfacing. Figure illustrates the maximum signal
levels on V1A, V1B, and V1N. The maximum differential voltage is ±660 mV divided by the
gain selection. Again, the differential voltage signal on the inputs must be referenced to a common
mode, e.g., GND. The maximum common-mode signal is ±100 mV.
Figure7 shows a typical connection diagram for Channel V1. Here the analog inputs are being
used to monitor both the phase and neutral currents. Because of the large potential difference
between the phase and neutral, two CTs (current transformers) must be used to provide the
isolation. The CT turns ratio and burden resistor (Rb) are selected to give a peak differential
voltage of ±660 mV/gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com