Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL0921 Datasheet(PDF) 5 Page - SHANGHAI BELLING CO., LTD.

Part # BL0921
Description  Single Phase Energy Meter IC with Integrated Oscillator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL0921 Datasheet(HTML) 5 Page - SHANGHAI BELLING CO., LTD.

  BL0921 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
BL0921
BL0921
BL0921
BL0921
http://www.belling.com.cn
- 5 -
3/15/2007
Total 13 Pages
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
TIMING CHARACTERISTIC
(VDD=5V, GND=0V, On-Chip Reference, Integrated Oscillator, Temperature range: -20~+70
°C)
Parameter
Value
Comments
t1
144ms
F1 and F2 pulse-width (Logic Low). When the power is low,
the t1 is equal to 144ms; when the power is high, and the
output period falls below 550ms, t1 equals to half of the
output period.
t2
F1 or F2 output pulse period.
t3
½ t2
Time between F1 falling edge and F2 falling edge.
t4
CF Pulse Period. See Transfer Function section.
t5
71ms
CF pulse-width (Logic high). When the power is low, the t5
is equal to 71ms; when the power is high, and the output
period falls below 180ms, t5 equals to half of the output
period.
t6
CLKIN/4
Minimum Time Between F1 and F2.
Notes:
1) CF is not synchronous to F1 or F2 frequency outputs.
2) Sample tested during initial release and after any redesign or process change that may affect this
parameter.
THEORY OF OPERATION
Principle of Energy Measure
In energy measure, the power information varying with time is calculated by a direct
multiplication of the voltage signal and the current signal. Assume that the current signal and the
voltage signal are cosine functions; V and I are the peak values of the voltage signal and the
current signal; ωis the angle frequency of the input signals; the phase difference between the
current signal and the voltage signal is expressed asФ. Then the power is given as follows:
)
cos(
)
cos(
)
(
Φ
+
×
=
wt
I
wt
V
t
p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com