Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL0921 Datasheet(PDF) 7 Page - SHANGHAI BELLING CO., LTD.

Part # BL0921
Description  Single Phase Energy Meter IC with Integrated Oscillator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL0921 Datasheet(HTML) 7 Page - SHANGHAI BELLING CO., LTD.

Back Button BL0921 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
BL0921
BL0921
BL0921
BL0921
http://www.belling.com.cn
- 7 -
3/15/2007
Total 13 Pages
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
scheme correctly calculates real power for non-sinusoidal current and voltage waveforms at all
power factors. All signal processing is carried out in the digital domain for superior stability over
temperature and time.
current
sampling
voltage
sampling
analog to
digital
analog to
digital
high pass
filter
digital
multipli-
cation
digital to
frequency
low pass
filter
I
V
CF
F1
F2
high pass
filter
V*I
V*I
p(t)=i(t)*v(t)
v(t)=V*cos(wt)
i(t)=I*cos(wt)
p(t)=
[1+cos(2wt)]
2
V*I
2
t
V*I
2
t
instantaneous
power signal p(t)
instantaneous real
power signal
integral
Figure 2.
Signal Processing Block Diagram
Accumulating this real power information generates the low frequency output of the BL0921. This
low frequency inherently means a long accumulation time between output pulses. The output
frequency is therefore proportional to the average real power. This average real power information
can, in turn, be accumulated (e.g., by a counter) to generate real energy information. Because of its
high output frequency and hence shorter integration time, the CF output is proportional to the
instantaneous real power. This is useful for system calibration purposes that would take place
under steady load conditions.
Offset Effect
The dc offsets come from the input signals and the forepart analog circuitry.
Assume that the input dc offsets on the voltage channel and the current channel are Uoffset and Ioffset,
and PF equals 1 (φ=0).
)
2
cos(
2
)
cos(
)
cos(
2
]
)
cos(
[
]
)
cos(
[
)
(
t
UI
t
I
U
t
U
I
UI
I
t
I
U
t
U
t
p
offset
offset
offset
offset
ω
ω
ω
ω
ω
+
+
+
=
+
Φ
+
×
+
=
Figure 3.
Effect of Offset
As can be seen, for each phase input, if there are simultaneous dc offsets on the voltage channel
and the current channel, these offsets contribute a dc component for the result of multiplication.
That is, the offsets bring the error of Uoffset×Ioffset to the final average real power. Additionally,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com