Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL0921 Datasheet(PDF) 2 Page - SHANGHAI BELLING CO., LTD.

Part # BL0921
Description  Single Phase Energy Meter IC with Integrated Oscillator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL0921 Datasheet(HTML) 2 Page - SHANGHAI BELLING CO., LTD.

  BL0921 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
BL0921
BL0921
BL0921
BL0921
http://www.belling.com.cn
- 2 -
3/15/2007
Total 13 Pages
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
PIN DESCRIPTIONS
Pin
Symbol
DESCRIPTIONS
1
VDD
Power Supply (+5V). Provides the supply voltage for the digital circuitry. It should be
maintained at 5 V±5% for specified operation.
2,3
V1A,V1B
Inputs for Current Channel. These inputs are fully differential voltage inputs with a
maximum signal level of ±660 mV with respect to pin6 (V1N) for specified
operation.
4
V1N
Negative Input Pin for Differential Voltage Inputs V1A and V1B.
5,6
V2N,V2P
Negative and Positive Inputs for Voltage Channel. These inputs provide a fully
differential input pair. The maximum differential input voltage is ±660 mV for
specified operation.
7
VREF
On-Chip Voltage Reference. The on-chip reference has a nominal value of 2.5V ±
8% . An external reference source may also be connected at this pin.
8
AGND
Ground Reference. Provides the ground reference for the circuitry.
9,10
S1,S0
Output Frequency Select. These logic inputs are used to select one of four possible
frequencies for the digital-to-frequency conversion. This offers the designer greater
flexibility when designing the energy meter.
11
G
Gain Select. These logic inputs are used to select one of four possible gains for current
channel. The possible gains are 1 and 16.
12
FAULT
Fault Indication. Logic high indicates fault condition. Fault is defined as a condition
under which the signals on V1A and V1B differ by more than 12.5%. The logic output
will be reset to zero when fault condition is no longer detected.
13
REVP
Negative Indication. Logic high indicates negative power, i.e., when the phase angle
between the voltage and current signals is greater that 90
°. This output is not latched
and will be reset when positive power is once again detected.
14
CF
Calibration Frequency. The CF logic output gives instantaneous real power
information. This output is intended to use for calibration purposes.
15,16
F1,F2
Low-Frequency. F1 and F2 supply average real power information. The logic outputs
can be used to directly drive electromechanical counters and 2-phase stepper motors.
ABSOLUTE MAXIMUM RATINGS
( T = 25 ℃ )
Parameter
Symbol
Value
Unit
Power Voltage VDD
VDD
-0.3~+7(max)
V
Input Voltage of Channel 2 to GND
V (V)
VSS+0.5≤V(v)≤VDD-0.5
V
Input Voltage of Channel 1 to GND
V (I)
VSS+0.5≤V(i)≤VDD-0.5
V
Operating Temperature Range
Topr
-40~+75
Storage Temperature Range
Tstr
-55~+150
Power Dissipation
400
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com