Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL0921 Datasheet(PDF) 11 Page - SHANGHAI BELLING CO., LTD.

Part # BL0921
Description  Single Phase Energy Meter IC with Integrated Oscillator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL0921 Datasheet(HTML) 11 Page - SHANGHAI BELLING CO., LTD.

Back Button BL0921 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
BL0921
BL0921
BL0921
BL0921
http://www.belling.com.cn
- 11 -
3/15/2007
Total 13 Pages
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
current
sampling
V1A
V1N
V1B
0V
V1A
V1B
V1B < 87.5% V1A
to ADC
FAULT
Figure 8. Fault Conditions for Inactive Input Less than Active Input
Figure 9 illustrates another fault condition. If V1A is the active input (i.e., is being used for billing)
and the voltage signal on V1B (inactive input) becomes greater than 114% of V1A, the FAULT
indicator goes active, and there is also a swap over to the V1B input. The analog input V1B has
now become the active input. Again there is a time delay of about 1.2 seconds associated with this
swap. V1A will not swap back to being the active channel until V1A becomes greater than 114%
of V1B. However, the FAULT indicator will become inactive as soon as V1A is within 12.5% of
V1B. This threshold eliminates potential chatter between V1A and V1B.
current
sampling
V1A
V1N
V1B
0V
V1A
V1B
V1A < 87.5% V1B
to ADC
FAULT
Figure 9. Fault Conditions for Inactive Input Greater than Active Input
Power Supply Monitor
The BL0921 contains an on-chip power supply monitor. If the supply is less than 4V±5% then
the BL0921 will go in an inactive state, i.e., no energy will be accumulated when the supply
voltage is below 4V. This is useful to ensure correct device operation at power up and during
power down. The power supply monitor has built-in hysteresis and filtering. This gives a high
degree of immunity to false triggering due to noisy supplies.
The trigger level is nominally set at 4V, and the tolerance on this trigger level is about ±5%. The
power supply and decoupling for the part should be such that the ripple at VDD does not exceed
5V±5% as specified for normal operation.
SLiM Technology
The BL0921 adopts the technology of SLiM (Smart Low current Management) to decrease the
static power greatly. The static power of BL0921 is about 15mW. This technology also decreases
the request for power supply design.
BL65XX series products used 0.35um CMOS process. The reliability and consistency are
advanced.
OPERATION MODE
Transfer Function
The BL0921 calculates the product of two voltage signals (on Channel 1 and Channel 2) and then



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com