Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL0921 Datasheet(PDF) 8 Page - SHANGHAI BELLING CO., LTD.

Part # BL0921
Description  Single Phase Energy Meter IC with Integrated Oscillator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL0921 Datasheet(HTML) 8 Page - SHANGHAI BELLING CO., LTD.

Back Button BL0921 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
BL0921
BL0921
BL0921
BL0921
http://www.belling.com.cn
- 8 -
3/15/2007
Total 13 Pages
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
there exists the component of Uoffset×I+U×Ioffset at the frequency of ω. The dc error on the real
power will result in measure error, and the component brought to the frequency of ω will also
affect the output of the average active power when the next low-pass filter cannot restrain the ac
component very completely.
When the offset on the one of the voltage and the current channels is filtered, for instance, the
offset on the current channel is removed; the result of multiplication is improved greatly. There is
no dc error, and the additional component at the frequency of ω is also decreased.
When the offsets on the voltage channel and the current channel are filtered respectively by two
high-pass filters, the component at the frequency of ω (50Hz) is subdued, and the stability of the
output signal is advanced. Moreover, in this case, the phases of the voltage channel and the current
channel can be matched completely, and the performance when PF equal 0.5C or 0.5L is improved.
In BL0921, this structure is selected. Though it is given in the system specification that the ripple
of the output signal is less than 0.1%, in real measure of BL0921, the calibration output is very
stable, and the ripple of the typical output signal is less than 0.05%.
Additionally, this structure can ensure the frequency characteristic. When the input signal changes
from 45Hz to 65Hz, the complete machine error due to the frequency change is less than 0.1%. In
such, the meter designed for the 50Hz input signal can be used on the transmission-line system of
electric power whose frequency is 60Hz.
Voltage Channel Input
The output of the line voltage transducer is connected to the BL0921 at this analog input. As
Figure4 shows that channel V2 is a fully differential voltage input. The maximum peak differential
signal on Channel 2 is ±660mV. Figure4 illustrates the maximum signal levels that can be
connected to the BL0921 Voltage Channel.
V1
V2
+660mV
-660mV
V1
V2
AGND
V1A
V1N
+
-
V1B
+
-
V1
GAIN
GAIN
Maximun input differential voltage
±660mV
Maximun input common-mode voltage
±100mV
Figure 4.
Voltage Channels
Voltage Channel must be driven from a common-mode voltage, i.e., the differential voltage signal
on the input must be referenced to a common mode (usually GND). The analog inputs of the
BL0921 can be driven with common-mode voltages of up to 100 mV with respect to GND.
However, best results are achieved using a common mode equal to GND.
Figure5 shows two typical connections for Channel V2. The first option uses a PT (potential
transformer) to provide complete isolation from the mains voltage. In the second option, the
BL0921 is biased around the neutral wire and a resistor divider is used to provide a voltage signal
that is proportional to the line voltage. Adjusting the ratio of Ra and Rb is also a convenient way
of carrying out a gain calibration on the meter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com