Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL0921 Datasheet(PDF) 1 Page - SHANGHAI BELLING CO., LTD.

Part # BL0921
Description  Single Phase Energy Meter IC with Integrated Oscillator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL0921 Datasheet(HTML) 1 Page - SHANGHAI BELLING CO., LTD.

  BL0921 Datasheet HTML 1Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 2Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 3Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 4Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BL0921
BL0921
BL0921
BL0921
http://www.belling.com.cn
- 1 -
3/15/2007
Total 13 Pages
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
FEATURES
High accuracy, less than 0.1% error over a
dynamic range of 500: 1
On-chip oscillator as clock source
Exactly measure the real power in the positive
orientation and negative orientation, calculate the
energy in the same orientation
Two current monitors continuously monitor the
phase and neutral currents in two-wire distribution
systems. Uses the larger of two currents to bill, even
during a Fault condition
A PGA in the current channel allows using small
value shunt and burden resistance
The low frequency outputs F1 and F2 can
directly drive electromechanical counters and two
phase stepper motors and the high frequency output
CF, supplies instantaneous real power, is intended for
calibration and communications
Two logic outputs REVP and FAULT can be used
to indicate a potential orientation or Fault condition
On-Chip power supply detector
On-Chip anti-creep protection
On-Chip voltage reference of 2.5V±8%
Single 5V supply
Low static power (typical value of 25mW).
The
technology
of
SLiM
(Smart–Low–current–
Management) is used.
Credible work, working time is more than twenty
years
Interrelated patents are pending
DESCRIPTION
The BL0921 is a low cost, high accuracy, high
stability, simple peripheral circuit electrical energy
meter IC. The meter based on the BL0921 is intended
for using in single-phase, two-wire distribution
systems. It can exactly measure the real power in the
positive orientation and negative orientation and
calculate the energy in the same orientation.
The BL0921 incorporates a novel fault detection
scheme that both warns of fault conditions and allows
the BL0921 to continue accurate billing during a fault
event. The BL0921 does this by continuously
monitoring both the phase and neutral (return)
currents. PIN12 (FAULT) indicates Fault condition,
when these currents differ by more than 12.5%.
Billing is continued using the larger of the two
currents when the difference is greater than 14%.
The
BL0921
supplies
average
real
power
information on the low frequency outputs F1 (Pin16)
and F2 (Pin15). These logic outputs may be used to
directly drive an electromechanical counter and
two-phase stepper motors. The CF (Pin14) logic
output gives instantaneous real power information.
This output is intended to be used for calibration
purposes or interface to an MCU.
BL0921 thinks over the stability of reading
error in the process of calibration. Bulk test data
indicate that in the condition of small signal 5%Ib
(Ib=5A), the error of CF is less than 0.1%. An internal
no-load threshold ensures that the BL0921 does not
exhibit any creep when there is no load.
BLOCK DIAGRAM
1
2
3
5
6
7
8
9
10
12
14
15
16
4
VDD
V1A
V1B
V1N
V2N
V2P
VREF
GND
S1
S0
REVP
CF
F2
F1
BL0921
BL0921
BL0921
BL0921
11
G
13
FAULT
current
sampling
voltage
sampling
analog
to
digital
high
pass
filter
digital
multiplic
ation
digital
to
frequency
and
output
low
pass
filter
V1A
V1A
V1A
V1A
V1N
V1N
V1N
V1N
V1B
V1B
V1B
V1B
V2P
V2P
V2P
V2P
V2N
V2N
V2N
V2N
REVP
REVP
REVP
REVP
CF
CF
CF
CF
F1
F1
F1
F1
F2
F2
F2
F2
BL0921
BL0921
BL0921
BL0921
VDD
VDD
VDD
VDD
power
detector
voltage
reference
VREF
VREF
VREF
VREF
analog
to
digital
input contron
logic contron
G
GG
G
S0
S0
S0
S0
S1
S1
S1
S1
FAULT
FAULT
FAULT
FAULT
high
pass
filter
internal
oscillator
SOP 16


Similar Part No. - BL0921

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BL090-H03-G ETC2-BL090-H03-G Datasheet
222Kb / 4P
42mm Brushless DC Motor, 90W
BL090-H03-GP005 ETC2-BL090-H03-GP005 Datasheet
168Kb / 4P
42mm Brushless DC Gearmotor, 90W, 5:1 ratio
BL090-H03-GP014 ETC2-BL090-H03-GP014 Datasheet
168Kb / 4P
42mm Brushless DC Gearmotor, 90W, 14:1 ratio
logo
SHANGHAI BELLING CO., L...
BL0930 BELLING-BL0930 Datasheet
393Kb / 10P
BL0930
BL0930E BELLING-BL0930E Datasheet
481Kb / 11P
Single Phase Energy Meter IC with Integrated Oscillator
More results

Similar Description - BL0921

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE7757 AD-ADE7757 Datasheet
534Kb / 14P
Energy Metering IC with Integrated Oscillator
logo
List of Unclassifed Man...
BL6501 ETC-BL6501 Datasheet
345Kb / 15P
Single Phase Energy Meter IC
logo
Teridian Semiconductor ...
71M6511 TERIDIAN-71M6511 Datasheet
871Kb / 95P
Single-Phase Energy Meter IC
logo
SHANGHAI BELLING CO., L...
BL6502A BELLING-BL6502A Datasheet
461Kb / 14P
Single Phase Energy Meter IC with Integrated Oscillator
BL6506 BELLING-BL6506 Datasheet
467Kb / 14P
Single Phase Energy Meter IC with Integrated Oscillator
BL6533 BELLING-BL6533 Datasheet
298Kb / 10P
Single Phase, LCD, Energy Meter IC
BL0930E BELLING-BL0930E Datasheet
481Kb / 11P
Single Phase Energy Meter IC with Integrated Oscillator
BL6501A BELLING-BL6501A_07 Datasheet
450Kb / 15P
Single Phase Energy Meter IC
BL6503E BELLING-BL6503E Datasheet
330Kb / 12P
Single Phase Energy Meter IC
BL6523B BELLING-BL6523B Datasheet
1,004Kb / 30P
Single Phase, Multifunction Energy meter IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com