Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL0921 Datasheet(PDF) 13 Page - SHANGHAI BELLING CO., LTD.

Part # BL0921
Description  Single Phase Energy Meter IC with Integrated Oscillator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL0921 Datasheet(HTML) 13 Page - SHANGHAI BELLING CO., LTD.

Back Button BL0921 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
BL0921
BL0921
BL0921
BL0921
http://www.belling.com.cn
- 13 -
3/15/2007
Total 13 Pages
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
channel. We can see that while increasing the gain, the input dynamic range is decreasing.
G
Gain
Maximum
Differential Signal
1
1
±660mV
0
16
±41mV
Analog Input Range
The maximum peak differential signal on Voltage Channel is ± 660 mV, and the common-mode
voltage is up to 100 mV with respect to GND.
The analog inputs V1A, V1B, and V1N have the same maximum signal level restrictions as V2P
and V2N. However, The Current Channel has a programmable gain amplifier (PGA) with
user-selectable gains of 1,16. These gains facilitate easy transducer interfacing. The maximum
differential voltage is ±660 mV and the maximum common-mode signal is ±100 mV.The
corresponding Max Frequency of CF/F1/F2 is shown in the following table.
Max Frequency
of F1, F2 (Hz)
CF Max Frequency (Hz)
S1
S0
Fz
DC
AC
DC
AC
0
0
1.7
0.45
0.22
64
×F1,F2=28.8
64
×F1,F2=14.4
0
1
3.4
0.90
0.45
32
×F1,F2=28.8
32
×F1,F2=14.4
1
0
6.8
1.80
0.90
16
×F1,F2=28.8
16
×F1,F2=14.4
1
1
13.6
3.60
1.80
8
×F1,F2=28.8
8
×F1,F2=14.4
Package Dimensions
SOP16
Notice: Sample tested during initial release and after any redesign or process change
that may affect parameter. Specification subjects to change without notice. Please ask
for the newest product specification at any moment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com