Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BL0921 Datasheet(PDF) 10 Page - SHANGHAI BELLING CO., LTD.

Part # BL0921
Description  Single Phase Energy Meter IC with Integrated Oscillator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELLING [SHANGHAI BELLING CO., LTD.]
Direct Link  http://www.belling.com.cn
Logo BELLING - SHANGHAI BELLING CO., LTD.

BL0921 Datasheet(HTML) 10 Page - SHANGHAI BELLING CO., LTD.

Back Button BL0921 Datasheet HTML 5Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 6Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 7Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 8Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 9Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 10Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 11Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 12Page - SHANGHAI BELLING CO., LTD. BL0921 Datasheet HTML 13Page - SHANGHAI BELLING CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
BL0921
BL0921
BL0921
BL0921
http://www.belling.com.cn
- 10 -
3/15/2007
Total 13 Pages
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
Single Phase Energy Meter IC
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
with Integrated Oscillator
V1A
V1N
+
-
CF
RF
CT
±660mV
AGND
V1B
+
-
CF
RF
CT
Rb
Rb
GAIN
±660mV
GAIN
Phase Neutral
IP
IN
V1A
V1N
+
-
AGND
Phase Neutral
V1B
+
-
CF
RF
CT
Rb
±660mV
GAIN
IP
IN
AGND
CF
Ra
Rb
Rv
AGND
±660mV
Ra >> RF
Rb+Rv=RF
Figure 7.
Typical Connections for Current Channels
Fault Detection
The BL0921 incorporates a novel fault detection scheme that warns of fault conditions and allows
the BL0921 to continue accurate billing during a fault event. The BL0921 does this by
continuously monitoring both the phase and neutral (return) currents. A fault is indicated when
these currents differ by more than 12.5%. However, even during a fault, the output pulse rate on
F1 and F2 is generated using the larger of the two currents. Because the BL0921 looks for a
difference between the signals on V1A and V1B, it is important that both current transducers are
closely matched. On power-up the output pulse rate of the BL0921 is proportional to the product
of the signals on Channel V1A and Voltage Channel. If there is a difference of greater than 12.5%
between V1A and V1B on power-up, the fault indicator (FAULT) will go active after about one
second. In addition, if V1B is greater than V1A the BL0921 will select V1B as the input. The fault
detection is automatically disabled when the voltage signal on Channel 1 is less than 0.5% of the
full-scale input range. This will eliminate false detection of a fault due to noise at light loads.
If V1A is the active current input (i.e., is being used for billing), and the signal on V1B (inactive
input) falls by more than 12.5% of V1A, the fault indicator will go active. Both analog inputs are
filtered and averaged to prevent false triggering of this logic output. As a consequence of the
filtering, there is a time delay of approximately one second on the logic output FAULT after the
fault event. The FAULT logic output is independent of any activity on outputs F1 or F2. Figure 8
illustrates one condition under which FAULT becomes active. Since V1A is the active input and it
is still greater than V1B, billing is maintained on VIA, i.e., no swap to the V1B input will occur.
V1A remains the active input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com