Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA541SA Datasheet(PDF) 6 Page - STMicroelectronics

Part # STA541SA
Description  2 x 20 W dual bridge amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA541SA Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STA541SA Datasheet HTML 2Page - STMicroelectronics STA541SA Datasheet HTML 3Page - STMicroelectronics STA541SA Datasheet HTML 4Page - STMicroelectronics STA541SA Datasheet HTML 5Page - STMicroelectronics STA541SA Datasheet HTML 6Page - STMicroelectronics STA541SA Datasheet HTML 7Page - STMicroelectronics STA541SA Datasheet HTML 8Page - STMicroelectronics STA541SA Datasheet HTML 9Page - STMicroelectronics STA541SA Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
Block diagram and pin description
STA541SA
6/26
Doc ID 16988 Rev 2
1
Block diagram and pin description
1.1
Block diagram
Figure 1.
Block diagram
+
+
+
+
7
4
12
10
13
3
2
1
15
14
8
9
5
Vcc2
Vcc1
OUT 1+
OUT 1-
OUT 2+
OUT 2-
S-GND
P-GND
SVR
DIAG
IN 2
IN 1
ST-BY
STA541SA
+
+
+
+
7
4
12
10
13
3
2
1
15
14
8
9
5
Vcc2
Vcc1
OUT 1+
OUT 1-
OUT 2+
OUT 2-
S-GND
P-GND
SVR
DIAG
IN 2
IN 1
ST-BY
STA541SA
OUT1+
OUT2+
OUT2-
OUT1-
SGND
PGND
SVR
VCC2 VCC1
IN2
DIAG
STBY
IN1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com