Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA541SA Datasheet(PDF) 17 Page - STMicroelectronics

Part # STA541SA
Description  2 x 20 W dual bridge amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA541SA Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STA541SA Datasheet HTML 13Page - STMicroelectronics STA541SA Datasheet HTML 14Page - STMicroelectronics STA541SA Datasheet HTML 15Page - STMicroelectronics STA541SA Datasheet HTML 16Page - STMicroelectronics STA541SA Datasheet HTML 17Page - STMicroelectronics STA541SA Datasheet HTML 18Page - STMicroelectronics STA541SA Datasheet HTML 19Page - STMicroelectronics STA541SA Datasheet HTML 20Page - STMicroelectronics STA541SA Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
STA541SA
Practical information
Doc ID 16988 Rev 2
17/26
7
Practical information
7.1
Internally fixed gain
The advantages in internally fixing the gain to 26 dB are:
components and space saving
output noise, supply voltage rejection and distortion optimization.
7.2
Silent turn on/off and muting/standby function
The standby mode can be easily activated by means of a CMOS logic level applied to
pin STBY through a RC filter.
In standby, the device is turned of, drawing typically 1 mA from the supply and the output
attenuation is 80 dB minimum.
All switch-on and switch-off operations are virtually pop-free. Furthermore, at turn-on the
device stays muted for a time determined by the value of the capacitor on pin SVR. This
prevents transients coming from previous stages which otherwise could produce unpleasant
acoustic effects at the speakers.
7.3
Driving circuit for standby mode
Some precautions need to be taken when designing the driving circuit for pin 7, STBY. For
instance, the pin cannot be directly driven by a voltage source having a current capability
higher than 5 mA. In practical cases a series resistor must be inserted, giving it the double
purpose of limiting the current at pin 7 and to smooth down the standby on/off transitions.
When done in combination with a capacitor it prevents output pop.
A capacitor of at least 100 nF from pin 7 to SGND is necessary to ensure correct turn-on
(see also Figure 14: Applications circuit on page 13).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com