Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA541SA Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA541SA
Description  2 x 20 W dual bridge amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA541SA Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA541SA Datasheet HTML 10Page - STMicroelectronics STA541SA Datasheet HTML 11Page - STMicroelectronics STA541SA Datasheet HTML 12Page - STMicroelectronics STA541SA Datasheet HTML 13Page - STMicroelectronics STA541SA Datasheet HTML 14Page - STMicroelectronics STA541SA Datasheet HTML 15Page - STMicroelectronics STA541SA Datasheet HTML 16Page - STMicroelectronics STA541SA Datasheet HTML 17Page - STMicroelectronics STA541SA Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 26 page
background image
Demonstration board
STA541SA
14/26
Doc ID 16988 Rev 2
5
Demonstration board
Figure 15.
Demonstration board schematic
FOR TDA7266SA
FOR STA541
FOR STA 541
IN1
IN2
(TDA7266SA)
OUT1
OUT2
+
C7
9
SGND
10
DIAG
13
VCC
15
OUT2+
14
OUT2-
1
OUT1+
2
OUT1-
3
VCC
4
IN1
12
IN2
5
SVR (STA541SA)
7
STBY
8
PGND
11
N.C.
6
MUTE (TDA7266SA)
IC1
STA541SA
C1
220 nF
+
C5
470 uF
25 V
J1
2
1
3
S1
2
1
3
S2
J2
J3
1
2
N4
1
2
N3
1
2
N2
2
4
1
3
N1
C2
220 nF
C6
100 nF
C4
10 uF
10 V
C3
10 uF
10 V
R1
10 k
R2
10 k
R3
10 k
R4
6R8
C8
100 nF
R5
6R8
C9
100 nF
R6
6R8
C10
100 nF
R7
6R8
C11
100 nF
C12
100 pF
C13
100 pF
R8
1.5 k
D1
5V1
5V
5V
DIAG
5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com