Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA541SA Datasheet(PDF) 19 Page - STMicroelectronics

Part # STA541SA
Description  2 x 20 W dual bridge amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA541SA Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STA541SA Datasheet HTML 15Page - STMicroelectronics STA541SA Datasheet HTML 16Page - STMicroelectronics STA541SA Datasheet HTML 17Page - STMicroelectronics STA541SA Datasheet HTML 18Page - STMicroelectronics STA541SA Datasheet HTML 19Page - STMicroelectronics STA541SA Datasheet HTML 20Page - STMicroelectronics STA541SA Datasheet HTML 21Page - STMicroelectronics STA541SA Datasheet HTML 22Page - STMicroelectronics STA541SA Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
STA541SA
Practical information
Doc ID 16988 Rev 2
19/26
7.4.4
Thermal shutdown
With the thermal shutdown feature the diagnostics output on pin 10 signals the closeness of
the junction temperature to the shutdown threshold. Typically, current sinking at pin 10 starts
approximately 10 °C before the shutdown temperature is reached.
Figure 18.
Configuration of pin DIAG
Figure 19.
Fault waveforms on pin DIAG
Vpin10
VREF
R
10
STA541SA
Soft short
OUT to Vs short
Fault detection
Correct turn-on
OUT to GND short
t
t
t
STBY pin
voltage
2 V
Output
waveform
Vpin10
Check at turn-on
(rest phase)
Short to GND
or to Vs
D05AU1603mod



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com