Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA541SA Datasheet(PDF) 18 Page - STMicroelectronics

Part # STA541SA
Description  2 x 20 W dual bridge amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA541SA Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STA541SA Datasheet HTML 14Page - STMicroelectronics STA541SA Datasheet HTML 15Page - STMicroelectronics STA541SA Datasheet HTML 16Page - STMicroelectronics STA541SA Datasheet HTML 17Page - STMicroelectronics STA541SA Datasheet HTML 18Page - STMicroelectronics STA541SA Datasheet HTML 19Page - STMicroelectronics STA541SA Datasheet HTML 20Page - STMicroelectronics STA541SA Datasheet HTML 21Page - STMicroelectronics STA541SA Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
Practical information
STA541SA
18/26
Doc ID 16988 Rev 2
7.4
Built–in protection
7.4.1
Diagnostic facilities (pin 10)
The STA541SA is equipped with diagnostic circuitry that is able to detect the following
events:
clipping of the output signal
thermal shutdown
output fault:
short circuit to ground
short circuit to supply
soft short circuit at turn-on
The event is signalled when the open collector output of pin 10 (DIAG) begins to sink
current.
7.4.2
Short-circuit protection
Reliable and safe operation in the presence of all kinds of output short circuit is assured by
the built-in protection. As well as the AC/DC short circuit to GND and to VS, and across the
speaker, there is a soft short-circuit condition which is signalled on pin DIAG during the
turn-on phase to verify output circuit integrity in order to ensure correct amplifier operation.
As mentioned previously, it is important to limit the external current driving pin STBY
to 5 mA, the reason being that the associated circuitry is normally disabled with currents
greater than 5 mA.
7.4.3
Clipping detection
Figure 17.
Clipping detection waveforms
A gain-compression function is initiated whenever the amplifier is overdriven. When a
certain distortion level is reached at each output, pin 10 starts to sink current.
Audio output signal
Clipping detector output current
Vo
Iclip
Time
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com