Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA541SA Datasheet(PDF) 9 Page - STMicroelectronics

Part # STA541SA
Description  2 x 20 W dual bridge amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA541SA Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STA541SA Datasheet HTML 5Page - STMicroelectronics STA541SA Datasheet HTML 6Page - STMicroelectronics STA541SA Datasheet HTML 7Page - STMicroelectronics STA541SA Datasheet HTML 8Page - STMicroelectronics STA541SA Datasheet HTML 9Page - STMicroelectronics STA541SA Datasheet HTML 10Page - STMicroelectronics STA541SA Datasheet HTML 11Page - STMicroelectronics STA541SA Datasheet HTML 12Page - STMicroelectronics STA541SA Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
STA541SA
Electrical specifications
Doc ID 16988 Rev 2
9/26
2.3
Recommended operating conditions
2.4
Electrical characteristics
The test conditions are VS = 17 V, RL = 8 Ω, f = 1 kHz, Tamb = 25 °C unless otherwise
specified.
Table 5.
Recommended operating condition
Symbol
Parameter
Min
Typ
Max
Unit
VS
Power supply voltage (VCC1, VCC2)
8
-
22
V
Tamb
Ambient temperature
0
-
70
°C
Table 6.
Electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Id
Total quiescent drain
current
--
80
150
mA
Vos
Output offset voltage
-
-150
-
150
mV
Po
Output power
THD = 10%
THD = 1%
-
-
20
15.6
-
-
W
Output power
THD = 10%,
RL =4 Ω, VS = 12 V
-18
-
W
THD
Total harmonic distortion
Po = 0.1 to 4 W
-
0.02
-
%
ISC
Short-circuit output current -
3.0
3.5
A
CT
Crosstalk
f = 1 kHz
f = 10 kHz
55
-
70
60
-
-
dB
Rin
Input impedance
-
10
15
-
k
Ω
Gv
Voltage gain
-
25
26
27
dB
Gv
Voltage gain match
-
-
-
0.5
dB
EN
Input noise voltage
Rgen = 0,
f = 22 Hz to 22 kHz
-3.5
-µV
SVR
Supply voltage rejection
Rgen = 0, f = 300 Hz,
CSVR = 470 µF
50
-
-
dB
ASTBY
Standby attenuation
Po = 1 W
80
90
-
dB
ISTBY
Current consumption in
standby
VSTBY = 0 to 1.5 V
-
-
100
µA
VSB
ST_BY IN threshold
voltage
--
-
1.5
V
ST_BY OUT threshold
voltage
-3.5
-
-
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com