Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA541SA Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA541SA
Description  2 x 20 W dual bridge amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA541SA Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA541SA Datasheet HTML 17Page - STMicroelectronics STA541SA Datasheet HTML 18Page - STMicroelectronics STA541SA Datasheet HTML 19Page - STMicroelectronics STA541SA Datasheet HTML 20Page - STMicroelectronics STA541SA Datasheet HTML 21Page - STMicroelectronics STA541SA Datasheet HTML 22Page - STMicroelectronics STA541SA Datasheet HTML 23Page - STMicroelectronics STA541SA Datasheet HTML 24Page - STMicroelectronics STA541SA Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
STA541SA
Practical information
Doc ID 16988 Rev 2
21/26
7.6
PCB ground layout
The device has two distinct ground pins, PGND (power ground) and SGND (signal ground)
which are disconnected from each other at chip level. For superior performance the pins
PGND and SGND must be connected together on the PCB by low-resistance tracks.
For the PCB ground configuration, a star-like arrangement, where the center is represented
by the supply-filtering electrolytic capacitor ground, is recommended. In an arrangement
such as this at least two separate paths must be provided, one for PGND and one for
SGND.
The correct ground assignments are as follows:
●
on SGND:
–
standby capacitor (pin 7, or any other standby driving networks)
–
SVR capacitor (pin 5), to be placed as close as possible to the device
–
input signal ground (from active/passive signal processor stages)
●
on PGND:
–
power supply filtering capacitors for pins 3 and 13; the negative terminal of the
electrolytic capacitor(s) must be directly tied to the battery negative line and this
should represent the starting point for all the ground paths.
7.7
Mute function
If the mute function is desired, it can be implemented on pin 5, SVR, as shown in Figure 22.
Figure 22.
Optional mute function circuit
Using a different value for R1 than the suggested 3.3 k
Ω, results in two different situations:
●
R1 > 3.3 k
Ω:
–
pop noise improvement
–
lower mute attenuation
●
R1 < 3.3 k
Ω:
–
pop noise degradation
–
higher mute attenuation
DIAGNOSTICS
D06AU
0.47
μF
IN BRIDGE
12
470
μF
6
15
14
8
9
10
11
R1 3.3K
R2 10K
MUTE
5V
0
PLAY
5
8
9
Vpin5 > 0.6 V: mute off
Vpin5 < 0.2 V: mute on
STA541SA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com