Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA541SA Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA541SA
Description  2 x 20 W dual bridge amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA541SA Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA541SA Datasheet HTML 18Page - STMicroelectronics STA541SA Datasheet HTML 19Page - STMicroelectronics STA541SA Datasheet HTML 20Page - STMicroelectronics STA541SA Datasheet HTML 21Page - STMicroelectronics STA541SA Datasheet HTML 22Page - STMicroelectronics STA541SA Datasheet HTML 23Page - STMicroelectronics STA541SA Datasheet HTML 24Page - STMicroelectronics STA541SA Datasheet HTML 25Page - STMicroelectronics STA541SA Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
STA541SA
Package mechanical data
Doc ID 16988 Rev 2
23/26
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Table 7.
Package dimensions
Reference
Dimensions in mm
Dimensions in inches
Notes
Min
Typ
Max
Min
Typ
Max
A
--3.2
--0.126
-
B
--1.05
--0.041
-
C
-0.15
-
-0.006
--
D
-
1.5
-
-
0.059
-
-
E
0.49
-
0.55
0.019
-
0.021
-
F
0.65
-
0.73
0.026
-
0.029
-
F1
--0.1
--0.004
(1)
G
1.14
1.27
1.40
0.045
0.050
0.055
-
G1
17.57
17.78
17.91
0.692
0.700
0.705
-
H1
-12
-
-0.472
--
H2
-
18.6
-
-
0.732
-
-
H3
19.85
-
-
0.781
-
-
(2)
L
-
17.9
-
-
0.705
-
-
L1
-
14.55
-
-
0.573
-
-
L2
10.70
11.00
11.20
0.421
0.433
0.441
(2)
L3
-
5.5
-
-
0.217
-
-
M
-2.54
-
-0.1
--
M1
-2.54
-
-0.1
--
R
-1.50
-
-0.059
--
R1
-3.30
-
-0.130
--
R2
-0.30
-
-0.012
--
R3
-0.50
-
-0.019
--
S
-0.70
-
-0.028
--
V
-
10 deg
-
-
10 deg
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com