Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA541SA Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA541SA
Description  2 x 20 W dual bridge amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA541SA Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA541SA Datasheet HTML 3Page - STMicroelectronics STA541SA Datasheet HTML 4Page - STMicroelectronics STA541SA Datasheet HTML 5Page - STMicroelectronics STA541SA Datasheet HTML 6Page - STMicroelectronics STA541SA Datasheet HTML 7Page - STMicroelectronics STA541SA Datasheet HTML 8Page - STMicroelectronics STA541SA Datasheet HTML 9Page - STMicroelectronics STA541SA Datasheet HTML 10Page - STMicroelectronics STA541SA Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
STA541SA
Block diagram and pin description
Doc ID 16988 Rev 2
7/26
1.2
Pin description
Figure 2.
Pin connection (top view)
Table 2.
Pin description
Pin
Name
Type
Function
1
OUT1+
OUT
Channel 1 non-inverting output
2
OUT1 -
OUT
Channel 1 inverting output
3
VCC1
PWR
Power supply
4
IN1
IN
Channel 1 input
5
SVR
IN
Supply voltage rejection
6
N.C.
-
No internal connection
7
STBY
IN
Standby control
8
PGND
PWR
Power ground
9
SGND
PWR
Signal ground
10
DIAG
OUT
Diagnostics output
11
N.C.
-
No internal connection
12
IN2
IN
Channel 2 input
13
VCC2
PWR
Power supply
14
OUT2-
OUT
Channel 2 inverting output
15
OUT2+
OUT
Channel 2 non-inverting output
N.C
SVR
DIAG
N.C
SVR
DIAG
OUT2+
OUT2-
VCC2
IN2
N.C.
DIAG
SGND
PGND
STBY
N.C.
SVR
IN1
VCC1
OUT1-
OUT1+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com