Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA541SA Datasheet(PDF) 1 Page - STMicroelectronics

Part # STA541SA
Description  2 x 20 W dual bridge amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA541SA Datasheet(HTML) 1 Page - STMicroelectronics

  STA541SA Datasheet HTML 1Page - STMicroelectronics STA541SA Datasheet HTML 2Page - STMicroelectronics STA541SA Datasheet HTML 3Page - STMicroelectronics STA541SA Datasheet HTML 4Page - STMicroelectronics STA541SA Datasheet HTML 5Page - STMicroelectronics STA541SA Datasheet HTML 6Page - STMicroelectronics STA541SA Datasheet HTML 7Page - STMicroelectronics STA541SA Datasheet HTML 8Page - STMicroelectronics STA541SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
This is information on a product in full production.
April 2012
Doc ID 16988 Rev 2
1/26
26
STA541SA
2 x 20 W dual bridge amplifier
Datasheet
production data
Features
High output power capability
– 2x 20 W into 8
Ω at 17 V with 10% THD
– 2x 18 W into 4
Ω at 12 V with 10% THD
Minimum external components count:
– No bootstrap capacitors
– No Boucherot cells
– Internally fixed gain 26 dB
Standby function (CMOS compatible)
No audible pop during standby operations
Diagnostic facilities:
– Clip detector
– Output to ground short-circuit detector
– Output to supply short-circuit detector
– Soft short-circuit check at turn-on
– Thermal shutdown warning
Protection
Output AC/DC short circuit
Soft short-circuit check at turn-on
Thermal cutoff/limiter to prevent chip from
overheating
High inductive loads
ESD
Description
The STA541SA is a dual bridge, class-AB audio
amplifier designed for high quality sound
applications.
The amplifiers have outputs with integrated short-
circuit protection, thermal protection and
diagnostic functions.
The chip is housed in the 15-pin Clipwatt,
environmentally friendly, ECOPACK® package.
Clipwatt15
Table 1.
Device summary
Order code
Operating temp. range
Package
Packaging
STA541SA
0 to 70 °C
Clipwatt15
Tube
www.st.com


Similar Part No. - STA541SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA540 STMICROELECTRONICS-STA540 Datasheet
373Kb / 23P
4 x 13 W dual/quad power amplifier
21-Jan-2008
STA540 STMICROELECTRONICS-STA540 Datasheet
342Kb / 25P
4 x 13 W dual/quad power amplifier
24-Apr-2012
STA540SA STMICROELECTRONICS-STA540SA Datasheet
829Kb / 30P
4 x 10-watt dual/quad power amplifier
December 2010
STA540SAN STMICROELECTRONICS-STA540SAN Datasheet
698Kb / 26P
4 x 10-watt dual/quad power amplifier
16-Dec-2010
STA540 STMICROELECTRONICS-STA540_12 Datasheet
344Kb / 25P
4 x 13 W dual/quad power amplifier
24-Apr-2012
More results

Similar Description - STA541SA

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7393 STMICROELECTRONICS-TDA7393 Datasheet
121Kb / 9P
2 x 32W DUAL BRIDGE CAR RADIO AMPLIFIER
Oct-1998
TDA7394 STMICROELECTRONICS-TDA7394 Datasheet
335Kb / 7P
2 x 30W DUAL BRIDGE CAR RADIO AMPLIFIER
logo
Cirrus Logic
CRD44130-FB CIRRUS-CRD44130-FB Datasheet
1Mb / 39P
20 W x 2 40 W x 1 PWM Amplifier Reference Design
logo
NXP Semiconductors
TFA9810 NXP-TFA9810 Datasheet
148Kb / 29P
Stereo full-bridge audio amplifier 2 x 12 W
Rev. 02-30 August 2007
TFA9815 NXP-TFA9815 Datasheet
139Kb / 26P
Stereo full-bridge audio amplifier 2 x 17 W
Rev. 01-16 December 2008
TFA9810 NXP-TFA9810_08 Datasheet
172Kb / 29P
Stereo full-bridge audio amplifier 2 x 12 W
Rev. 03-20 February 2008
logo
STMicroelectronics
TDA7266SAN STMICROELECTRONICS-TDA7266SAN Datasheet
679Kb / 15P
5 W 5 W dual bridge amplifier
31-Aug-2012
logo
NXP Semiconductors
TFA9810TN1 PHILIPS-TFA9810TN1 Datasheet
172Kb / 29P
Stereo full-bridge audio amplifier 2 x 12 W
Rev. 03-20 February 2008
logo
STMicroelectronics
TDA7577BLV STMICROELECTRONICS-TDA7577BLV Datasheet
816Kb / 43P
2 x 75 W dual-bridge power amplifier with I2C complete diagnostics and
13-Jan-2015
logo
Siemens Semiconductor G...
TDA4930 SIEMENS-TDA4930 Datasheet
580Kb / 14P
Stereo/Bridge AF Amplifier 2 x 10 W/20 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com