Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA541SA Datasheet(PDF) 10 Page - STMicroelectronics

Part # STA541SA
Description  2 x 20 W dual bridge amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA541SA Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STA541SA Datasheet HTML 6Page - STMicroelectronics STA541SA Datasheet HTML 7Page - STMicroelectronics STA541SA Datasheet HTML 8Page - STMicroelectronics STA541SA Datasheet HTML 9Page - STMicroelectronics STA541SA Datasheet HTML 10Page - STMicroelectronics STA541SA Datasheet HTML 11Page - STMicroelectronics STA541SA Datasheet HTML 12Page - STMicroelectronics STA541SA Datasheet HTML 13Page - STMicroelectronics STA541SA Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Electrical specifications
STA541SA
10/26
Doc ID 16988 Rev 2
ISTBY
Pin ST-BY current
Play mode,
VSTBY = 5 V
--
50
µA
Max driving current
under fault
--
5
mA
Icd_off
Clipping detector output
average current
THD = 1%
-
90
-
µA
Icd_on
Clipping detector output
average current
THD = 5%
-160
-µA
VDIAG
Saturation voltage on pin
DIAG
IDIAG = 1 mA sinking
-
-
0.7
V
TW
Thermal warning
-
-
140
-
°C
TM
Thermal muting
-
-
150
-
°C
TS
Thermal shutdown
-
-
160
-
°C
Table 6.
Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com