Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA541SA Datasheet(PDF) 12 Page - STMicroelectronics

Part # STA541SA
Description  2 x 20 W dual bridge amplifier
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA541SA Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STA541SA Datasheet HTML 8Page - STMicroelectronics STA541SA Datasheet HTML 9Page - STMicroelectronics STA541SA Datasheet HTML 10Page - STMicroelectronics STA541SA Datasheet HTML 11Page - STMicroelectronics STA541SA Datasheet HTML 12Page - STMicroelectronics STA541SA Datasheet HTML 13Page - STMicroelectronics STA541SA Datasheet HTML 14Page - STMicroelectronics STA541SA Datasheet HTML 15Page - STMicroelectronics STA541SA Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
Characterization curves
STA541SA
12/26
Doc ID 16988 Rev 2
3.2
For 8-
Ω loads
Figure 8.
Output power vs supply voltage
Figure 9.
Quiescent current vs supply
voltage
10% THD
1% THD
R
L = 8 Ω
f = 1 kHz
T
amb = 25 °C
10% THD
1% THD
R
L = 8 Ω
f = 1 kHz
T
amb = 25 °C
R
L = 8 Ω
T
amb = 25 °C
Figure 10.
Efficiency, device dissipation vs
output power
Figure 11.
Total harmonic distortion vs output
power
η
Pd
R
L = 8 Ω
V
S = 17 V
f = 1 kHz
T
amb = 25 °C
η
Pd
R
L = 8 Ω
V
S = 17 V
f = 1 kHz
T
amb = 25 °C
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
THD
%
0.1
30
0.2
0.5
1
2
5
10
20
Power output, W
f = 15 kHz
f = 100 Hz
f = 1 kHz
R
L = 8 Ω
V
S = 17 V
T
amb = 25 °C
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
THD
%
0.1
30
0.2
0.5
1
2
5
10
20
Power output, W
f = 15 kHz
f = 100 Hz
f = 1 kHz
R
L = 8 Ω
V
S = 17 V
T
amb = 25 °C
Figure 12.
Crosstalk vs frequency
Figure 13.
Power supply rejection ratio vs
frequency
Crosstalk
dB
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency, Hz
R
L = 8 Ω
V
S = 17 V
f = 1 kHz
P
o = 1 W
T
amb = 25 °C
Specification: < -45 dB
-120
0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
Crosstalk
dB
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency, Hz
R
L = 8 Ω
V
S = 17 V
f = 1 kHz
P
o = 1 W
T
amb = 25 °C
Specification: < -45 dB
-120
0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
70
0
65
60
55
50
45
40
35
30
25
20
15
10
5
PSRR
dBrA
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency, Hz
R
L = 8 Ω
V
S = 17 V
V
r = 500 mV RMS
T
amb = 25 °C
Specification: > 50 dB
70
0
65
60
55
50
45
40
35
30
25
20
15
10
5
PSRR
dBrA
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency, Hz
R
L = 8 Ω
V
S = 17 V
V
r = 500 mV RMS
T
amb = 25 °C
Specification: > 50 dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com