Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82103B Datasheet(PDF) 53 Page - STMicroelectronics

Part # STW82103B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82103B Datasheet(HTML) 53 Page - STMicroelectronics

Back Button STW82103B Datasheet HTML 49Page - STMicroelectronics STW82103B Datasheet HTML 50Page - STMicroelectronics STW82103B Datasheet HTML 51Page - STMicroelectronics STW82103B Datasheet HTML 52Page - STMicroelectronics STW82103B Datasheet HTML 53Page - STMicroelectronics STW82103B Datasheet HTML 54Page - STMicroelectronics STW82103B Datasheet HTML 55Page - STMicroelectronics STW82103B Datasheet HTML 56Page - STMicroelectronics STW82103B Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
STW82103B
SPI digital interface
Doc ID 018517 Rev 2
53/67
10.4
Device calibration through the SPI interface
10.4.1
VCO calibration procedure (SPI interface)
The calibration of the VCO center frequency is activated by setting to ’1’ the SERCAL bit
(ST2 Register bit [6]).
In order to program properly the device while ensuring the VCO calibration, the following
procedure is required before every channel change:
1.
Program the ST1 Register with the desired setting (DAC, Mixer, LO Control)
2.
Program the ST3 Register with the desired setting (Functional mode, B and A counters)
3.
Program the ST2 Register with the desired setting (R counter, VCO amplitude, Charge
Pump, Prescaler Modulus) and SERCAL bit set to ’1’
The maximum allowed PFD frequency (FPFD) to perform the calibration process is 1 MHz; if
the desired FPFD is higher than 1 MHz the following steps are needed:
4.
Perform all the steps of the above calibration procedure programming the desired VCO
frequency with a proper setting of R, B and A counter so that FPFD results lower than 1
MHz.
5.
Once calibration is completed program the device with the proper setting for the desired
VCO and PFD frequencies according to the following steps:
a)
Program the ST3 Register with the desired setting (Functional mode, B and A
counters)
b)
Program the ST2 Register with the desired setting (R counter, VCO amplitude,
Charge Pump, Prescaler Modulus) with the SERCAL bit set to ’0’.
10.4.2
Power ON sequence (SPI interface)
At power-on the device is configured in power-down mode.
In order to guarantee correct setting of the internal circuitry after the power on, the following
steps must be followed:
1.
Power up the device
2.
Provide the reference clock
3.
Implement the first programming sequence with a proper delay time between the ST3
and ST2 load rising edges (see Figure 24). The Tdelay value must respect the following
condition:
Fref is the reference clock frequency.
T
delay
1023
1
F
ref
----------
×
>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com