Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82103B Datasheet(PDF) 23 Page - STMicroelectronics

Part # STW82103B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82103B Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STW82103B Datasheet HTML 19Page - STMicroelectronics STW82103B Datasheet HTML 20Page - STMicroelectronics STW82103B Datasheet HTML 21Page - STMicroelectronics STW82103B Datasheet HTML 22Page - STMicroelectronics STW82103B Datasheet HTML 23Page - STMicroelectronics STW82103B Datasheet HTML 24Page - STMicroelectronics STW82103B Datasheet HTML 25Page - STMicroelectronics STW82103B Datasheet HTML 26Page - STMicroelectronics STW82103B Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
STW82103B
General description
Doc ID 018517 Rev 2
23/67
8
General description
The STW82103B (see Figure 1: STW82103B block diagram on page 7) consists of a high
linearity passive CMOS mixer with integrated RF balun, an IF amplifier, a 10-bit current
steering DAC with dual output, and an integrated integer-N synthesizer.
The synthesizer embeds 2 internal low-noise VCOs with buffer blocks, a divider by 2, a low
noise PFD (Phase Frequency Detector), a precise charge pump, a 10-bit programmable
reference divider, two programmable counters and a dual-modulus prescaler. The A-counter
(5 bits) and B counter (12 bits) counters, in conjunction with the dual modulus prescaler
P/P+1 (16/17 or 19/20), implement an N integer divider, where N = B*P+A.
The device is controlled through a digital interface (I2C bus interface or SPI digital interface).
All internal devices operate with a power supply of 3.3 V except for the IF Amplifier output
stage and the mixer driver stage operating at 5 V power supply in order to maximize the
linearity performance. If the application requires a reduced linearity and noise figure
performance the device is programmed in a low-current mode by using the minimum LO
amplitude and the minimum biasing current in the IF amplifier. In low-current mode
operation the device can use only the 3.3 V power supply thus dissipating less power.
8.1
Circuit description
8.1.1
Reference input stage
The reference input stage is shown in Figure 9. The resistor network feeds a DC bias at the
Fref input while the inverter used as the frequency reference buffer is AC coupled.
Figure 9.
Reference frequency input buffer
Fref
VDD
Inverter
Power Down
Buffer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com