Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82103B Datasheet(PDF) 12 Page - STMicroelectronics

Part # STW82103B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82103B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STW82103B Datasheet HTML 8Page - STMicroelectronics STW82103B Datasheet HTML 9Page - STMicroelectronics STW82103B Datasheet HTML 10Page - STMicroelectronics STW82103B Datasheet HTML 11Page - STMicroelectronics STW82103B Datasheet HTML 12Page - STMicroelectronics STW82103B Datasheet HTML 13Page - STMicroelectronics STW82103B Datasheet HTML 14Page - STMicroelectronics STW82103B Datasheet HTML 15Page - STMicroelectronics STW82103B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
Operating conditions
STW82103B
12/67
Doc ID 018517 Rev 2
4
Operating conditions
Table 4.
Operating conditions
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
AVCC1
Analog Supply voltage
-
3.15
3.3
3.45
V
AVCC2
Analog Supply voltage
-
4.75
5
5.25
V
DVCC
Digital Supply voltage
-
3.15
3.3
3.45
V
ICC3.3V
Current Consumption at 3.3 V
Standard mode
-
130
150
mA
External VCO standard mode
-
110
130
mA
Diversity slave mode
-
105
120
mA
Diversity master mode
-
155
180
mA
External VCO diversity master
mode
-145
165
mA
ICC5V
Current Consumption
High current mode at 5 V
-
160
185
mA
Low current mode at 3.3 V
-
90
105
mA
TA
Operating ambient temperature
-
-40
85
°C
TJ
Maximum junction temperature
-
-
125
°C
ΘJA
Junction to ambient package thermal
resistance(1)
Multi-layer JEDEC board
-
33
-
°C/W
ΘJB
Junction to board package thermal
resistance(1)
Multi-layer JEDEC board
-
19
-
°C/W
ΘJC
Junction to case package thermal
resistance(1)
Multi-layer JEDEC board
-
3
-
°C/W
ΨJB
Thermal characterization parameter
junction to board(1)
Multi-layer JEDEC board
-
18
-
°C/W
ΨJT
Thermal characterization parameter
junction to top case(1)
Multi-layer JEDEC board
-
0.3
-
°C/W
1.
Refer to JEDEC standard JESD 51-12 for a detailed description of the thermal resistances and thermal parameters.
Data here presented are referring to a Multi-layer board according to JEDEC standard.
TJ = TA + ΘJA * Pdiss (in order to estimate TJ if ambient temperature TA and dissipated power Pdiss are known)
TJ = TB + ΨJB * Pdiss (in order to estimate TJ if board temperature TB and dissipated power Pdiss are known)
TJ = TT + ΨJT * Pdiss (in order to estimate TJ if top case temperature TT and dissipated power Pdiss are known)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com