Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STW82103B Datasheet(PDF) 28 Page - STMicroelectronics

Part # STW82103B
Description  RF down converter with embedded integer-N synthesizer
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW82103B Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STW82103B Datasheet HTML 24Page - STMicroelectronics STW82103B Datasheet HTML 25Page - STMicroelectronics STW82103B Datasheet HTML 26Page - STMicroelectronics STW82103B Datasheet HTML 27Page - STMicroelectronics STW82103B Datasheet HTML 28Page - STMicroelectronics STW82103B Datasheet HTML 29Page - STMicroelectronics STW82103B Datasheet HTML 30Page - STMicroelectronics STW82103B Datasheet HTML 31Page - STMicroelectronics STW82103B Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
General description
STW82103B
28/67
Doc ID 018517 Rev 2
Figure 13.
VCO typical sub-band characteristics
The SERCAL bit should be set to ’1’ at each division ratio change. The calibration takes
approximately 7 periods of the Comparison Frequency and the SERCAL bit is automatically
reset to ’0’ at the end of each calibration.
The maximum allowed FPFD to perform the calibration process is 1 MHz. If a higher FPFD is
used the following procedure should be adopted:
1.
Calibrate the VCO at the desired frequency with an FPFD lower than 1 MHz
2.
Set the A, B and R dividers ratio for the desired FPFD
For calibration details refer to Section 9.4.1: VCO calibration procedure (I2C interface) or
Section 10.4.1: VCO calibration procedure (SPI interface).
00000
00001
01111
11111
Calibrator lock
range
VCTRL (V)
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com